Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 10Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 11Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 12Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 13Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 14Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
11 of 28
PIN
NAME
DESCRIPTION
3-Lead
SOT-223
8-Lead
SO
reverse voltage appears at the load. The device protects both
itself and the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com