Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 17Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 18Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 20Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 21Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 22Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 23Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 24Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
21 of 28
voltage noise gains up accordingly. This results in RMS noise over the 10Hz to 100kHz bandwidth of 22µVRMS for the
ADPL42010A increasing to 83µVRMS for the ADPL42010A-3.3.
Higher values of output voltage noise may be measured when care is not exercised with regard to circuit layout and
testing. Crosstalk from nearby traces can induce unwanted noise onto the output of the ADPL42010A-X. Power supply
ripple rejection must also be considered, the ADPL42010A regulators do not have unlimited power supply rejection
and pass a small portion of the input noise through to the output.
Protection Features
The ADPL42010A incorporates several protection features, which makes it ideal for use in battery-powered circuits.
In addition to the normal protection features associated with monolithic regulators, such as current limiting and
thermal limiting, the devices are protected against reverse input voltages, reverse output voltages, and reverse
voltages from output to input.
Current limit protection and thermal overload protection are intended to protect the device against current overload
conditions at the output of the device. For normal operation, the junction temperature should not exceed 125°C.
The input of the device withstands reverse voltages of 20V. Current flow into the device is limited to less than 1mA
(typically less than 100µA) and no negative voltage appears at the output. The device protects both itself and the
load. This provides protection against batteries that can be plugged in backward.
The output of the ADPL42010A can be pulled below ground without damaging the device. If the input is left open
circuit or grounded, the output can be pulled below ground by 20V. For fixed voltage versions, the output acts as a
large resistor, typically 5k or higher, limiting current flow to typically less than 600µA. For adjustable versions, the
output acts as an open circuit, no current flows out of the pin. If the input is powered by a voltage source, the output
sources the short-circuit current of the device and protects itself by thermal limiting. In this case, grounding the
SHDN
pin turns off the device and stop the output from sourcing the short-circuit current.
The ADJ pin of the adjustable device can be pulled above or below ground by as much as 7V without damaging the
device. If the input is left open circuit or grounded, the ADJ pin acts as an open circuit when pulled below ground and
as a large resistor (typically 5k) in series with a diode when pulled above ground.
In situations where the ADJ pin is connected to a resistor divider that pulls the ADJ pin above its 7V clamp voltage if
the output is pulled high, the ADJ pin input current must be limited to less than 5mA. For example, a resistor divider
is used to provide a regulated 1.5V output from the 1.21V reference when the output is forced to 20V. The top resistor
of the resistor divider must be chosen to limit the current into the ADJ pin to less than 5mA when the ADJ pin is at 7V.
The 13V difference between OUT and ADJ pins divided by the 5mA maximum current into the ADJ pin yields a
minimum top resistor value of 2.6k.
In circuits where a backup battery is required, several different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to ground, pulled to some intermediate voltage, or is left open
circuit. Current flow back into the output follows the curve, as shown in Figure 33.
When the IN pin of the ADPL42010A is forced below the OUT pin or the OUT pin is pulled above the IN pin, input
current typically drops to less than 2µA. This can happen if the input of the device is connected to a discharged (low
voltage) battery and the output is held up by either a backup battery or a second regulator circuit. The state of the
SHDN
pin have no effect on the reverse output current when the output is pulled above the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com