Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 10Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 11Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 12Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 13Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 14Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 15Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 16Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
13 of 28
Figure 11. ADPL42010A ADJ Pin Voltage
Figure 12. GND Pin Current vs. ILOAD
Figure 13. SHDN Pin Threshold (On-to-Off)
Figure 14. SHDN Pin Threshold (Off-to-On)
Figure 15. SHDN Pin Input Current
Figure 16. SHDN Pin Input Current
TEMPERATURE (°C)
–50
100
0
50
1.230
–25
25
75
125
IL = 1mA
1.225
1.220
1.215
1.210
1.205
1.200
1.195
1.190
OUTPUT CURRENT (A)
100
0
0.2
0.4
0.6
0.8
1.0
VIN = VOUT (NOMINAL) +1V
90
80
70
60
50
40
30
20
10
0
TEMPERATURE (°C)
–50
1.0
0
50
75
–25
25
100
125
IL = 1mA
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TEMPERATURE (°C)
–50
1.0
0
50
75
–25
25
100
125
IL = 1mA
IL = 1A
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
SHDN PIN VOLTAGE (V)
5.0
0
2
4
6
8
10
12
14
16
18
20
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
–50
7
25
75
–25
0
50
100
125
VSHDN = 20V
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com