Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 18Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 20Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 21Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 22Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 23Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 24Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 25Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
22 of 28
Figure 33. Reverse Output Current
Thermal Considerations
The power handling capability of the device is limited by the maximum rated junction temperature (125°C). The
power dissipated by the device is made up of two components:
1. Output current multiplied by the input/output voltage differential: (IOUT) × (VIN – VOUT).
2. And GND pin current multiplied by the input voltage: (IGND) × (VIN).
For the GND pin current, see Figure 12. Power dissipation is equal to the sum of the two components listed above.
The ADPL42010A has an internal thermal limiting designed to protect the device during overload conditions. For
continuous normal conditions, the maximum junction temperature rating of 125°C must not be exceeded.
OUTPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
1
3
4
6
9
7
5
10
ADPL42010A
VOUT = VADJ
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
ADPL42010A-2.5
VOUT = VFB
ADPL42010A-3.3
VOUT = VFB
ADPL42010A-1.8
VOUT = VFB
ADPL42010A-1.5
VOUT = VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com