Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 22 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 18Page - Microchip Technology PAC1721 Datasheet HTML 19Page - Microchip Technology PAC1721 Datasheet HTML 20Page - Microchip Technology PAC1721 Datasheet HTML 21Page - Microchip Technology PAC1721 Datasheet HTML 22Page - Microchip Technology PAC1721 Datasheet HTML 23Page - Microchip Technology PAC1721 Datasheet HTML 24Page - Microchip Technology PAC1721 Datasheet HTML 25Page - Microchip Technology PAC1721 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
PAC1721
DS-20007088A-page 22
 2026 Microchip Technology Inc. and its subsidiaries
To read and/or reset the VACC and ACC_COUNT
registers before they overflow, calculate the worst-case
time when these registers roll over or set a fullness limit
using the ACC_FULL_LIMIT register.
PAC1721 compares the 6 MSBs of the VACC register,
while ignoring its LSBs, to the ACC_FULL[5:0] bits in
the ACC_FULL_LIMIT register. It triggers an alert if the
6 MSBs of the VACC register exceed the set limit. The
ACC_FULL_LIMIT register can also limit accumulator
count to 3/4 (75%), 7/8 (~ 87%), 15/16 (~ 93%) or 100%
full. For more details, see Register 6-28.
Calculate the worst-case accumulator overflow time
assuming that every accumulated measurement is a
full scale number. Since the values stored in the
VPOWER register are 24 bits and the accumulator
uses 56 bits, up to 232 full scale samples can be
summed before overflow. For most applications, the
samples are not all full scale numbers, especially if
VBUS is very small compared to the maximum VBUS for
PAC1721. If the maximum VBUS of the system is
always lower than the FSR for VBUS, the maximum
number of full scale samples that can be accumulated
is scaled by FSR/maximum VBUS. If both VBUS and
VSENSE values are always near full scale, this can limit
the accumulation period (tACC) before overflow to
1,092 minutes at 8,192 sps or 233 hours at 8 sps.
4.8.3
ALTERNATIVE USES FOR THE
ACCUMULATOR
The VACC register can be used to accumulate VSENSE
or VBUS values instead of VPOWER values. This is done
by setting the ACC_CONFIG[1:0] bits in the CONTROL
register. For more details, see Register 6-2.
Configuring the VACC register to accumulate VSENSE
values provides a measure of accumulated current,
which is the same thing as charge. This allows the
VACC register to be used as a Coulomb Counter.
For either VSENSE or VBUS, many samples can be
accumulated on PAC1721. The host first reads the
VACC and ACC_COUNT registers. It then divides the
accumulator value by the accumulator count to provide
an average value with a very long integration time and
reduced noise. This feature is also useful for testing,
allowing many averages to accumulate for fast and
easy averaging/noise reduction. Test time can be
further reduced by combining this with higher sample
rates.
4.9
Conversion Cycles
A conversion cycle for PAC1721 consists of an analog-
to-digital conversion for VBUS or VSENSE. The device
performs data conversion and processing in sequence:
1.
It samples VBUS and then VSENSE
2.
Converts VBUS and VSENSE results from analog
to digital values
3.
Calculates VPOWER = VBUS × VSENSE
4.
And then accumulates VPOWER results in the
VACC register and increments the ACC_COUNT
register
This sequence of operations completes the conversion
cycle and the following registers update afterward:
• VBUS_MIN and VBUS_MAX
• VSENSE_MIN and VSENSE_MAX
• VBUS_AVG and VSENSE_AVG
• VPOWER_MIN and VPOWER_MAX
• ALERT_STATUS
A special configuration is available to only sample
VBUS or VSENSE (sample modes 1010b and 1011b,
respectively). This speeds up the conversion cycle by
50%. For more details, see Section 4.2.9.
Switching between sample modes during the middle of
a conversion results in the ADC continuing the previous
sample mode. It changes to the new sample mode only
after the current conversion cycle completes.
Note:
The VACC and ACC_COUNT registers
saturate when reaching their maximum
value. They do not roll over and do not
reset until cleared. This is called accu-
mulator overflow. The VACC_PRESET
register allows to set a base level for the
VACC register so it starts at the preset
level any time a Refresh or Refresh_G
command is sent. For more details, see
Register 6-3 and Register 6-4.
Note:
The Accumulator Count does not limit
the number of samples that can be
accumulated and counted.
Note:
If a Refresh_V command changes the
accumulation type (VPOWER, VBUS or
VSENSE), the VACC register does not
reset and the data it collected up to that
moment persists. To avoid this issue,
use a Refresh command when changing
the accumulation type.
Note:
Only the internal registers update during
conversion cycles. Readable registers
update only when issuing a Refresh
(any) command or while Auto-refresh is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com