Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 51 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 47Page - Microchip Technology PAC1721 Datasheet HTML 48Page - Microchip Technology PAC1721 Datasheet HTML 49Page - Microchip Technology PAC1721 Datasheet HTML 50Page - Microchip Technology PAC1721 Datasheet HTML 51Page - Microchip Technology PAC1721 Datasheet HTML 52Page - Microchip Technology PAC1721 Datasheet HTML 53Page - Microchip Technology PAC1721 Datasheet HTML 54Page - Microchip Technology PAC1721 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 51
PAC1721
REGISTER 6-16:
CONTROL_LAT (ADDRESS 0FH)
R-0
R-0
R-1
R-0
R-0
R-1
R-0
R-1
SAMPLE_MODE[3:0]
GPIO_ALERT1[1:0]
SLOW_ALERT0[1:0]
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
AVERAGE[2:0]
AA
ACC_CONFIG[1:0]
AUTO_REFRESH[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
This register contains a copy of register CONTROL.The bits in this register reflect the settings that were active before
the most recent Refresh (any) command.
The values in the CONTROL register can be programmed, but not yet activated by a Refresh (any) command, while
the values in the CONTROL_ACT register are the currently active settings.
The CONTROL_LAT register allows the host to determine the settings that were active prior to the most recent Refresh
(any) command and therefore, the settings correspond to the dataset stored in the readable registers.
This register is valid when the results registers are valid, 125 µs after a Refresh (any) command.
bit 15:12
SAMPLE_MODE[3:0]: Selects one of the sample modes listed below. These modes are exclusive –
only one mode can be set at any given time.
One of the sample rate options is Sleep state for when no sampling occurs.
When switching sample modes during a conversion cycle, the ADC continues the current sample mode
until the conversion completes and then switches to the new sample mode. Registers CONTROL and
CONTROL_ACT update.
Switching from a Continuous sample mode to a Single-shot mode triggers an extra conversion cycle.
When using a GPIO Triggered sample mode, first configure the desired pin (A0 or A1) as an input by
setting the SLOW_ALERT0[1:0] or GPIO_ALERT1[1:0] bits to 01b.
0000b = 8,192 sps (see Section 4.8.1)
0001b = 4,096 sps
0010b = 1,024 sps (default)
0011b = 256 sps
0100b = 64 sps
0101b = 8 sps (Slow mode) (see Section 4.2.8)
0110b = Single-shot mode (see Section 4.9.1)
0111b = Single-shot Average mode
1000b = Single-shot Awake mode
1001b = Single-shot Awake Average mode
1010b = VBUS Only at 16,384 sps (see Section 4.2.9)
1011b = VSENSE Only at 16,384 sps (see Section 4.2.9)
1100b = GPIO (A0) Triggered Single-shot Awake mode, Edge (see Section 4.9.1.4)
1101b = GPIO (A1) Triggered Single-shot Awake mode, Edge (see Section 4.9.1.4)
1110b = Sleep state (see Section 4.2.6)
1111b = Sleep state (see Section 4.2.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com