Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 84 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 84 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 80Page - Microchip Technology PAC1721 Datasheet HTML 81Page - Microchip Technology PAC1721 Datasheet HTML 82Page - Microchip Technology PAC1721 Datasheet HTML 83Page - Microchip Technology PAC1721 Datasheet HTML 84Page - Microchip Technology PAC1721 Datasheet HTML 85Page - Microchip Technology PAC1721 Datasheet HTML 86Page - Microchip Technology PAC1721 Datasheet HTML 87Page - Microchip Technology PAC1721 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
PAC1721
DS-20007088A-page 84
 2026 Microchip Technology Inc. and its subsidiaries
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.65 BSC
0.20 REF
0.35
0.25
0.80
0.00
0.30
0.45
0.90
0.02
3.00 BSC
MILLIMETERS
MIN
NOM
8
0.55
0.35
1.00
0.05
MAX
K
0.65 REF
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
0.35
3.00 BSC
0.45
0.55
Wettable Flank Step Cut Length
D3
0.035
0.060
0.085
A4
-
0.10
0.19
Wettable Flank Step Cut Height
0.20
0.30
0.40
Index Corner Chamfer
CH
0.15 REF
8-Lead Very Thin Plastic Dual Flat, No Lead Package (3PW) - 3x3x1.0 mm Body [VDFN]
With Multiple Exposed Pad and Stepped Wettable Flanks
Microchip Technology Drawing C04-568 Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com