Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 15 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 11Page - Microchip Technology PAC1721 Datasheet HTML 12Page - Microchip Technology PAC1721 Datasheet HTML 13Page - Microchip Technology PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology PAC1721 Datasheet HTML 16Page - Microchip Technology PAC1721 Datasheet HTML 17Page - Microchip Technology PAC1721 Datasheet HTML 18Page - Microchip Technology PAC1721 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 15
PAC1721
Internal values continue to update according to the
sample rate selected in the CONTROL register.
Note:
Issue a Refresh command to save the
results of the most recently completed
conversion cycle to the VBUS, VSENSE
and VPOWER registers. Otherwise, the
results of the conversion are discarded. For
more details, see Register 6-1.
4.2.3
REFRESH_G COMMAND
The Refresh_G command is identical in all aspects to
the Refresh command, with added compatibility for the
I2C General Call address (0000 000b).
Using Refresh_G, the host issues a single Refresh
command to all PAC1721 devices in the system. The
data from this Refresh_G command is read device by
device to capture a snapshot of system power and
energy for all PAC1721 units.
Besides the General Call address, Refresh_G can also
be issued with a valid target address. In this scenario,
only the PAC1721 device with the specified target
address receives the command. For more details, see
Register 6-21.
4.2.4
REFRESH_V COMMAND
To read VSENSE and VBUS measurements, as well as
the most recent power calculation and/or accumulator
values and accumulator count without resetting the
accumulators, issue a Refresh_V command.
To ensure data registers are ready-to-read by the host,
wait for one conversion cycle to complete after issuing
a Refresh_V command. Input sampling, data conver-
sion and power integration are not interrupted and
continue as set by the CONTROL register. Data regis-
ters remain available to read until the next Refresh or
Refresh_V command is issued.
Note:
The accumulator and accumulator count
are not reset when issuing a Refresh_V.
Refresh_V can activate changes to the CONTROL
register, just like the Refresh command. However, the
Refresh_V command activates these changes without
resetting the accumulators or the accumulator count.
For more details, see Register 6-22.
4.2.5
AUTO-REFRESH
The Auto-refresh function speeds up the transition time
from the Conversion-complete state to Ready-to-read
state.
To enable Auto-refresh, set the AUTO_REFRESH[1:0]
bits in the CONTROL register. When these bits are set,
PAC1721 performs a Limited Refresh: only the values
stored in the data registers migrate to the I2C domain
(populate I2C registers). For details, see Register 6-2.
The following registers require a manual Refresh (any)
command to update their values. They cannot be
updated while the Auto-refresh function is enabled.
•CONTROL
• NEG_PWR_FSR
•SLOW
• SLOW_ALERT0
• GPIO_ALERT1
• ACC_FULL_LIMIT
• ALERT_ENABLE
• ACC_COUNT_PRESET
• VACC_PRESET
When Auto-refresh is enabled, all manual Refresh
(any) commands are ignored, except when setting the
AUTO_REFRESH[1:0] bits in the CONTROL register.
To activate register changes that require a Refresh
(any) command, first set the AUTO_REFRESH[1:0]
bits to 00b. This disables Auto-refresh and allows to
change registers. Next, issue a manual Refresh (any)
command to activate these changes.
Auto-refresh does not trigger when communicating to
PAC1721 or another device on the I2C bus. To ensure
that the conversion cycle has completed and there is
new data available to read, set up the Conversion
Complete alert:
1.
In the CONTROL register, set pin A0 or A1 to
function as ALERT pin:
A0 → SLOW_ALERT0[1:0] = 00b
A1 → GPIO_ALERT1[1:0] = 00b
2.
Enable the Conversion Complete alert:
ALERT_ENABLE register → ALERT_CC = 1b
3.
Assign the alert to the A0 or A1 pin:
A0: SLOW_ALERT0 register → ALERT_CC0 = 1b
A1: GPIO_ALERT1 register → ALERT_CC1 = 1b
The next conversion cycle overwrites the data if not
read by the time the new cycle completes.
Note 1: While enabled, Auto-refresh overrules
all other refresh commands (Refresh,
Refresh_G and Refresh_V).
2: Do not enable Auto-refresh when using
Single-shot sample modes.
3: If the CONTROL register no longer
corresponds to the CONTROL_ACT
register, Auto-refresh halts. It resumes
only if both registers match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com