Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 9 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 5Page - Microchip Technology PAC1721 Datasheet HTML 6Page - Microchip Technology PAC1721 Datasheet HTML 7Page - Microchip Technology PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology PAC1721 Datasheet HTML 10Page - Microchip Technology PAC1721 Datasheet HTML 11Page - Microchip Technology PAC1721 Datasheet HTML 12Page - Microchip Technology PAC1721 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 9
PAC1721
Note: Unless otherwise indicated, TA = -40°C to +125°C, VDD = 2.7V to 5.5V, VBUS = 0V to 9V, VSENSE = VSENSE+ – VSENSE– = 0V.
FIGURE 2-13: VBUS Error vs. VBUS,
VDD = 3.3V, Multiple TA, Unipolar Mode,
Logarithmic Scale, Zoom View.
FIGURE 2-14: VBUS Error vs. VBUS,
VDD = 3.3V, Multiple TA, Bipolar FSR Mode.
FIGURE 2-15: VBUS Error vs. VBUS,
VDD = 3.3V, TA = +25°C, Bipolar FSR Mode,
Zoom View.
FIGURE 2-16: VBUS Error vs. VBUS,
VDD = 3.3V, Multiple TA, Bipolar FSR Mode.
FIGURE 2-17: VSENSE Zero Input Histogram,
Bipolar FSR/2 Mode, n = 10,000 Total Samples,
8x Average.
FIGURE 2-18: VBUS Zero Input Histogram,
Bipolar FSR/2 Mode, n = 14,000 Total Samples,
8x Average.
-35
-30
-25
-20
-15
-10
-5
0
0.001
0.01
0.1
1
10
V
BUS (V)
▬ T
A = -40°C
▬ T
A = 0°C
▬ T
A = +25°C
▬ T
A = +85°C
▬ T
A = +125°C
V
DD = 3.3V
-8
-6
-4
-2
0
2
4
6
8
-0.3 -0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V
BUS (V)
▬ T
A = -40°C
▬ T
A = 0°C
▬ T
A = +25°C
▬ T
A = +85°C
▬ T
A = +125°C
V
DD = 3.3V
-0.02
-0.018
-0.016
-0.014
-0.012
-0.01
-0.008
-0.006
-0.004
-0.002
0
-1
012345678
9
V
BUS (V)
▬ T
A = 25°C
V
DD = 3.3V
-0.15
-0.14
-0.13
-0.12
-0.11
-0.1
-0.09
-0.08
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0123456789
10
V
BUS (V)
▬ T
A = -40°C
▬ T
A = 0°C
▬ T
A = +25°C
▬ T
A = +85°C
▬ T
A = +125°C
V
DD = 3.3V
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
V
SENSE Offset (mV)
x = -0.659 μV
σ = 4.002 μV
V
DD = 3V
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
V
BUS Offset (V)
x = -0.081 mV
σ = 0.425 mV
V
DD = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com