Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 54 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 54 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 50Page - Microchip Technology PAC1721 Datasheet HTML 51Page - Microchip Technology PAC1721 Datasheet HTML 52Page - Microchip Technology PAC1721 Datasheet HTML 53Page - Microchip Technology PAC1721 Datasheet HTML 54Page - Microchip Technology PAC1721 Datasheet HTML 55Page - Microchip Technology PAC1721 Datasheet HTML 56Page - Microchip Technology PAC1721 Datasheet HTML 57Page - Microchip Technology PAC1721 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
PAC1721
DS-20007088A-page 54
 2026 Microchip Technology Inc. and its subsidiaries
REGISTER 6-17:
NEG_PWR_FSR_LAT (ADDRESS 10H)
U-0
U-0
U-0
U-0
R-0
R-0
R-0
R-0
–
–
–
–
CFG_VS[1:0]
CFG_VB[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
This register contains a copy of register NEG_PWR_FSR. The bits in this register reflect the settings that were active
before the most recent Refresh (any) command.
The values in register NEG_PWR_FSR can be programmed, but not yet activated by a Refresh (any) command, while
the values in the NEG_PWR_FSR_ACT register are the currently active settings.
The NEG_PWR_FSR_LAT register shows the settings that were active prior to the most recent Refresh (any)
command and therefore, the settings correspond to the dataset stored in the readable registers.
This register is valid when the results registers are valid, one conversion cycle after a Refresh (any) command.
bit 7:4
Unimplemented at this time. Always reads 0.
bit 3:2
CFG_VS[1:0]: Configure FSR for VSENSE measurements.
00b = VSENSE is in Unipolar 0-FSR mode: 0V to +100 mV FSR (default)
01b = VSENSE is in Bipolar ± FSR mode: –100 mV to +100 mV FSR
10b = VSENSE is in Bipolar ± FSR/2 mode: –50 mV to +50 mV FSR/2
11b = Reserved
bit 1:0
CFG_VB[1:0]: Configure FSR for VBUS measurements.
00b = VBUS is in Unipolar 0-FSR mode: 0V to +9V FSR (default)
01b = VBUS is in Bipolar ± FSR mode: –9V to +9V FSR
10b = VBUS is in Bipolar ± FSR/2 mode: –4.5V to +4.5V FSR/2
11b = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com