Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 61 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 61 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 57Page - Microchip Technology PAC1721 Datasheet HTML 58Page - Microchip Technology PAC1721 Datasheet HTML 59Page - Microchip Technology PAC1721 Datasheet HTML 60Page - Microchip Technology PAC1721 Datasheet HTML 61Page - Microchip Technology PAC1721 Datasheet HTML 62Page - Microchip Technology PAC1721 Datasheet HTML 63Page - Microchip Technology PAC1721 Datasheet HTML 64Page - Microchip Technology PAC1721 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 61
PAC1721
REGISTER 6-23:
SLOW (ADDRESS 16H)
R-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
SLOW
SLOW_LH
SLOW_HL
R_RISE
R_V_RISE
R_FALL
R_V_FALL
–
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
This register tracks the state of the SLOW pin and transitions that occur on this pin.
It also controls the type of Limited refresh commands (if any) that occur on SLOW pin transitions. This enables the
monitoring of the SLOW pin state and its transitions over I2C, even though the SLOW pin is asynchronous to the I2C
pins (SDA and SCL) and can have a different I2C Controller.
Values newly written to the register are activate only after sending a Refresh (any) command.
On a SLOW pin transition, a Limited Refresh command can be executed if bits R_V_FALL, R_FALL, R_V_RISE and
R_RISE are set to 1b.
These Limited Refresh and Refresh_V commands update all of the readable results registers.
The Limited Refresh command also resets the accumulators and accumulator count. These are called Limited Refresh
and Limited Refresh_V commands because there is no activation of any pending changes to configuration registers.
Note:
If a Limited Refresh and Limited Refresh_V command are both enabled for a specific SLOW pin transition,
only the Refresh command is executed. Refresh overrides Refresh_V.
bit 7
SLOW: Check the status of the SLOW pin.
0b = SLOW pin pulled low.
1b = SLOW pin pulled high.
bit 6
SLOW_LH: Tracks if the SLOW pin transitioned from low to high since the last Refresh (any) command.
The bit is reset to 0 by a Refresh or Refresh_G command.
0b = SLOW pin did not transition from low to high since the last Refresh (any) command.
1b = SLOW pin transitioned from low to high since the last Refresh (any) command.
bit 5
SLOW_HL: Tracks if the SLOW pin transitioned from high to low since the last Refresh (any) command.
The bit is reset to 0 by a Refresh or Refresh_G command.
0b = SLOW pin did not transition from high to low since the last Refresh (any) command.
1b = SLOW pin transitioned from high to low since the last Refresh (any) command.
bit 4
R_RISE: Configure if a Limited Refresh command is executed on the rising edge of the SLOW pin.
The bit is not reset automatically. Write to the bit to change its value.
0b = Disallows Limited Refresh commands to execute on the rising edge of the SLOW pin. (default)
1b = Allows Limited Refresh commands to execute on the rising edge of the SLOW pin.
bit 3
R_V_RISE: Configure if a Limited Refresh_V command is executed on the rising edge of the SLOW
pin. The bit is not reset automatically. Write to the bit to change its value.
0b = Disallows Limited Refresh_V commands to execute on the rising edge of the SLOW pin. (default)
1b = Allows Limited Refresh_V commands to execute on the rising edge of the SLOW pin.
bit 2
R_FALL: Configure if a Limited Refresh command is executed on the falling edge of the SLOW pin.
The bit is not reset automatically. Write to the bit to change its value.
0b = Disallows Limited Refresh commands to execute on the falling edge of the SLOW pin. (default)
1b = Allows Limited Refresh commands to execute on the falling edge of the SLOW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com