Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 30 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 26Page - Microchip Technology PAC1721 Datasheet HTML 27Page - Microchip Technology PAC1721 Datasheet HTML 28Page - Microchip Technology PAC1721 Datasheet HTML 29Page - Microchip Technology PAC1721 Datasheet HTML 30Page - Microchip Technology PAC1721 Datasheet HTML 31Page - Microchip Technology PAC1721 Datasheet HTML 32Page - Microchip Technology PAC1721 Datasheet HTML 33Page - Microchip Technology PAC1721 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
PAC1721
DS-20007088A-page 30
 2026 Microchip Technology Inc. and its subsidiaries
FIGURE 5-2:
READ and WRITE Auto-incrementing Loops.
READ LOOP
REFRESH
Register
Address
Operation
Byte Size
CONTROL
ACC_COUNT
VACC
VBUS
VSENSE
VBUS_AVG
VSENSE_AVG
VPOWER
VBUS_MIN
VBUS_MAX
VSENSE_MIN
VSENSE_MAX
VPOWER_MIN
VPOWER_MAX
CONTROL_LAT
NEG_PWR_FSR_LAT
ALERT_STATUS
SMBUS_SETTINGS
NEG_PWR_FSR_ACT
REFRESH_G
REFRESH_V
SLOW
CONTROL_ACT
NEG_PWR_FSR_ACT
SLOW_ALERT0
GPIO_ALERT1
ACC_FULLNESS
OC_LIMIT
UC_LIMIT
OP_WARNING_LIMIT
OP_CRITICAL_LIMIT
OV_LIMIT
UV_LIMIT
STEP_LIMIT
N-SAMPLES_LIMIT
ALERT_ENABLE
ACC_COUNT_PRESET
ACC_PRESET
PRODUCT_ID
MANUFACTURER_ID
REVISION_ID
. . .
REFRESH
CONTROL
ACC_COUNT
VACC
VBUS
VSENSE
VBUS_AVG
VSENSE_AVG
VPOWER
VBUS_MIN
VBUS_MAX
VSENSE_MIN
VSENSE_MAX
VPOWER_MIN
VPOWER_MAX
CONTROL_LAT
NEG_PWR_FSR_LAT
ALERT_STATUS
SMBUS_SETTINGS
NEG_PWR_FSR_ACT
REFRESH_G
REFRESH_V
SLOW
CONTROL_ACT
NEG_PWR_FSR_ACT
SLOW_ALERT0
GPIO_ALERT1
ACC_FULLNESS
OC_LIMIT
UC_LIMIT
OP_WARNING_LIMIT
OP_CRITICAL_LIMIT
OV_LIMIT
UV_LIMIT
STEP_LIMIT
N-SAMPLES_LIMIT
ALERT_ENABLE
ACC_COUNT_PRESET
ACC_PRESET
PRODUCT_ID
MANUFACTURER_ID
REVISION_ID
. . .
Registers 27h to FCh are not used.
WRITE LOOP
FFh
1 byte
R
FFh
1 byte
R
FEh
1 byte
R
FEh
1 byte
R
FDh
1 byte
R
FDh
1 byte
R
26h
2 bytes
R/W
26h
2 bytes
R/W
25h
2 bytes
R/W
25h
2 bytes
R/W
24h
2 bytes
R/W
24h
2 bytes
R/W
23h
2 bytes
R/W
23h
2 bytes
R/W
22h
1 byte
R/W
22h
1 byte
R/W
21h
1 byte
R/W
21h
1 byte
R/W
20h
1 byte
R/W
20h
1 byte
R/W
1Fh
2 bytes
R/W
1Fh
2 bytes
R/W
1Eh
2 bytes
R/W
1Eh
2 bytes
R/W
1Dh
1 byte
R/W
1Dh
1 byte
R/W
1Ch
1 byte
R/W
1Ch
1 byte
R/W
1Bh
1 byte
R/W
1Bh
1 byte
R/W
1Ah
2 bytes
R/W
1Ah
2 bytes
R/W
19h
2 bytes
R/W
19h
2 bytes
R/W
18h
1 byte
R
18h
1 byte
R
17h
2 bytes
R
17h
2 bytes
R
16h
1 byte
R
16h
1 byte
R
15h
0 bytes
R
15h
0 bytes
R
14h
0 bytes
R
14h
0 bytes
R
13h
1 byte
R
13h
1 byte
R
12h
1 byte
R
12h
1 byte
R
11h
2 bytes
R/C
11h
2 bytes
R/C
10h
1 byte
R
10h
1 byte
R
0Fh
2 bytes
R
0Fh
2 bytes
R
0Eh
4 bytes
R
0Eh
4 bytes
R
0Dh
4 bytes
R
0Dh
4 bytes
R
0Ch
2 bytes
R
0Ch
2 bytes
R
0Bh
2 bytes
R
0Bh
2 bytes
R
0Ah
2 bytes
R
0Ah
2 bytes
R
09h
2 bytes
R
09h
2 bytes
R
08h
4 bytes
R
08h
4 bytes
R
07h
2 bytes
R
07h
2 bytes
R
06h
2 bytes
R
06h
2 bytes
R
05h
2 bytes
R
05h
2 bytes
R
R
04h
2 bytes
R
04h
2 bytes
03h
7 bytes
R/W
03h
7 bytes
R/W
02h
4 bytes
R/W
02h
4 bytes
R/W
R/W
01h
2 bytes
R/W
01h
2 bytes
00h
W
0 bytes
00h
W
0 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com