Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 23 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 19Page - Microchip Technology PAC1721 Datasheet HTML 20Page - Microchip Technology PAC1721 Datasheet HTML 21Page - Microchip Technology PAC1721 Datasheet HTML 22Page - Microchip Technology PAC1721 Datasheet HTML 23Page - Microchip Technology PAC1721 Datasheet HTML 24Page - Microchip Technology PAC1721 Datasheet HTML 25Page - Microchip Technology PAC1721 Datasheet HTML 26Page - Microchip Technology PAC1721 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 23
PAC1721
When switching to Single-shot mode, any triggers are
ignored until the conversion cycle is complete. When
changing from a continuous sample mode to Single-
shot mode, an extra conversion occurs. The extra
conversion does not occur when switching between
continuous sampling or between various Single-shot
operational modes.
4.9.1
SINGLE-SHOT MODE
In Single-shot mode, PAC1721 samples and converts
VBUS and VSENSE measurements and then calculates
VPOWER. These actions are done in a single sequence.
By default, PAC1721 operates in continuous 1,024 sps
sample mode. To switch to Single-shot mode, set the
following bits in the CONTROL register:
1.
Enter the Sleep state:
SAMPLE_MODE[3:0] = 1110b or 1111b
2.
Switch to the Single-shot mode:
SAMPLE_MODE[3:0] = 0110b
After completing the single-shot measurements and
calculations, PAC1721 enters the Sleep state. Issue a
Refresh (any) command to read the most recent data.
Generally, single-shot conversion commands are not
issued one after the other. Replace single-shot conver-
sions with a continuous sample rate in scenarios where
conversions need to occur in short succession.
4.9.1.1
Single-shot Average Mode
In Single-shot Average mode, PAC1721 issues a single
Refresh command to collect the programmed number
of VBUS or VSENSE samples. The gathered samples are
averaged and the result is stored in the VBUS_AVG or
VSENSE_AVG register, while the VBUS and VSENSE
registers hold the most recent results of the VBUS and
VSENSE conversions. Averaging reduces noise and
offset in the result. In this mode, all averaged samples
are added to the accumulator, while the accumulator
count is incremented by the configured amount each
time a Refresh command triggers another single-shot
average acquisition and conversion.
To enter Single-shot Average mode from the Sleep
state, set the following bits in the CONTROL register:
• SAMPLE_MODE[3:0] = 0111b
4.9.1.2
Single-shot Awake Mode
In Single-shot Awake mode, PAC1721 does not enter
Sleep state after the conversion cycle completes. This
results in a higher quiescent current, but allows
PAC1721 to start converting samples much faster after
it receives the command to initiate the conversion.
To enter Single-shot Awake mode from the Sleep state,
set the following bits in the CONTROL register:
• SAMPLE_MODE[3:0] = 1000b
4.9.1.3
Single-shot Awake Average Mode
The Single-shot Awake Average mode works similarly
to Single-shot Awake mode, but with PAC1721 taking
the programmed amount of samples to average.
See Section 4.9.1, Note 2.
To enter Single-shot Awake Average mode from the
Sleep state, set the following bits in the CONTROL
register:
• SAMPLE_MODE[3:0] = 1001b
4.9.1.4
GPIO Triggered Single-shot Awake
Mode
In General Purpose Input/Output (GPIO) Triggered
Single-shot Awake mode, PAC1721 can use pin A0 or
A1 as a GPIO input to signal the start of a conversion.
This mode is similar to the Single-shot Awake mode in
that PAC1721 does not enter into any low power state
and thus has a fast reaction time when triggered. The
time-limiting factor is the internal 16 kHz oscillator that
monitors the A0/A1 inputs.
Note 1: First enter Sleep state and then switch
to the desired Single-shot mode. This
resolves any situations where the
current conversion cycle impacts the
accumulator count. For details on the
Sleep state, see Section 4.2.6.
2: If PAC1721 enters Single-shot Awake
mode from either the low-power state
or from another Single-shot mode, the
initial Single-shot Awake conversion
adds a wake-up delay that allows the
internal digital logic to fully exit the low-
power state.
3: After entering Single-shot mode, the
first refresh-type command issued
must be a Refresh. Do not issue a
Refresh_V or Refresh_G instead of a
Refresh command.
Note:
After issuing a Refresh (any) command,
wait for a conversion cycle to complete
before starting the next single-shot
conversion.
Note:
The A0/A1 pin must be configured as
GPIO input for the trigger to occur and
the signal must be active high. For
details, see Section 4.2.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com