Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 69 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 65Page - Microchip Technology PAC1721 Datasheet HTML 66Page - Microchip Technology PAC1721 Datasheet HTML 67Page - Microchip Technology PAC1721 Datasheet HTML 68Page - Microchip Technology PAC1721 Datasheet HTML 69Page - Microchip Technology PAC1721 Datasheet HTML 70Page - Microchip Technology PAC1721 Datasheet HTML 71Page - Microchip Technology PAC1721 Datasheet HTML 72Page - Microchip Technology PAC1721 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 69
PAC1721
REGISTER 6-27:
GPIO_ALERT1 (ADDRESS 1AH)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
–
–RV
FV
RC
FC
OC
UC
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
OV
UV
OPC
OPW
ACC_OVF
ACC_COUNT
ALERT_CC1
–
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
Write to this register to assign a specific alert signal to the A1 pin. GPIO/ALERT1 function.
Any changes to this register become active after a Refresh (any) command is sent.
Note 1: For the GPIO_ALERT1 register to control the A1 pin, the pin must be programmed for the alert function in
the CONTROL register. For more details, see Section 4.10.1.
2: Ensure alerts are enabled in the ALERT_ENABLE register before routing the alerts to this pin.
3: Ensure alerts are disabled in the ALERT_ENABLE register before changing any limits to avoid false triggers.
bit 15:14
Unimplemented at this time. Always reads 0.
bit 13
RV: Configures the Fast Rising Voltage alert.
0b = Disables the Fast Rising Voltage alert.
1b = Enables the Fast Rising Voltage alert.
bit 12
FV: Configures the Fast Falling Voltage alert.
0b = Disables the Fast Falling Voltage alert.
1b = Enables the Fast Falling Voltage alert.
bit 11
RC: Configures the Fast Rising Current alert.
0b = Disables the Fast Rising Current alert.
1b = Enables the Fast Rising Current alert.
bit 10
FC: Configures the Fast Falling Current alert.
0b = Disables the Fast Falling Current alert.
1b = Enables the Fast Falling Current alert.
bit 9
OC: Configures the Overcurrent alert.
0b = Disables the Overcurrent alert.
1b = Enables the Overcurrent alert.
bit 8
UC: Configures the Undercurrent alert.
0b = Disables the Undercurrent alert.
1b = Enables the Undercurrent alert.
bit 7
OV: Configures the Overvoltage alert.
0b = Disables the Overvoltage alert.
1b = Enables the Overvoltage alert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com