Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 58 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 54Page - Microchip Technology PAC1721 Datasheet HTML 55Page - Microchip Technology PAC1721 Datasheet HTML 56Page - Microchip Technology PAC1721 Datasheet HTML 57Page - Microchip Technology PAC1721 Datasheet HTML 58Page - Microchip Technology PAC1721 Datasheet HTML 59Page - Microchip Technology PAC1721 Datasheet HTML 60Page - Microchip Technology PAC1721 Datasheet HTML 61Page - Microchip Technology PAC1721 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
PAC1721
DS-20007088A-page 58
 2026 Microchip Technology Inc. and its subsidiaries
bit 4
POR: This bit allows to determine if PAC1721 reset after it was programmed.
This bit can be cleared after a POR event and then used to determine if PAC1721 was powered cycled
or reset since the latest POR event.
If a reset is detected in this manner, any non-default programming can be reconfigured.
This bit is reset only by an internal POR event.
0b = This bit was cleared over I2C since the latest POR event occurred.
1b = A POR event occurred and this bit was not cleared since then. (default)
bit 3
TIMEOUT: Enable or disable the SMBus timeout functionality. For more details, see Section 5.2.
0b = Disables SMBus timeout. (default)
1b = Enables SMBus timeout.
bit 2
BYTE COUNT: This bit enables the response to the SMBus Block Read command for each register
read to include the byte count data. For more details, see Section 5.6.9.
0b = No byte count data included in the response to a Block Read command. (default)
1b = Byte count data included in the response to a Block Read command.
bit 1
Unimplemented at this time. Always reads 0.
bit 0
I2C_HISPEED: This bit enables 3.4 MHz I2C High-speed mode operation by changing the pulse width
parameters of the Spike Suppression (tSP) from a maximum of 50 ns to 10 ns.
High-speed mode allows the SMBus clock to run at 3.4 MHz.
Note:
Due to the changes to communication parameters when entering and exiting High-speed
mode, do not program this bit as part of a Block Write. If this bit is disabled, PAC1721
NACKs the sent command, but the command is still accepted.
0b = PAC1721 operates in 1 MHz I2C Fast-mode Plus mode. (default)
1b = PAC1721 operates in 3.4 MHz I2C High-speed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com