Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 68 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 64Page - Microchip Technology PAC1721 Datasheet HTML 65Page - Microchip Technology PAC1721 Datasheet HTML 66Page - Microchip Technology PAC1721 Datasheet HTML 67Page - Microchip Technology PAC1721 Datasheet HTML 68Page - Microchip Technology PAC1721 Datasheet HTML 69Page - Microchip Technology PAC1721 Datasheet HTML 70Page - Microchip Technology PAC1721 Datasheet HTML 71Page - Microchip Technology PAC1721 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
PAC1721
DS-20007088A-page 68
 2026 Microchip Technology Inc. and its subsidiaries
bit 6
UV: Configures the Undervoltage alert.
0b = Disables the Undervoltage alert.
1b = Enables the Undervoltage alert.
bit 5
OPC: Configures the Overpower Critical alert.
0b = Disables the Overpower Critical alert.
1b = Enables the Overpower Critical alert.
bit 4
OPW: Configures the Overpower Warning alert.
0b = Disables the Overpower Warning alert.
1b = Enables the Overpower Warning alert.
bit 3
ACC_OVF: Configure the Accumulator Overflow alert. This alert triggers when the accumulator
overflows or exceeds its fullness limit specified in the ACC_FULL_LIMIT register.
0b = Disables the Accumulator Overflow alert
1b = Enables the Accumulator Overflow alert
bit 2
ACC_COUNT: Configures the Accumulator Count Overflow alert. This alert triggers when the accumu-
lator count overflows or exceeds its fullness limit specified in ACC_FULL_LIMIT register.
0b = Disables the Accumulator Count Overflow alert.
1b = Enables the Accumulator Count Overflow alert.
bit 1
ALERT_CC0: Configures the Conversion Complete alert, where the A0 pin is pulled high for 5 µs at the
end of each conversion cycle.
Note 1: The A0 pin must be configured as an ALERT pin for this function to trigger.
2: The SLOW function is not available on the A0 pin when it is configured as an ALERT pin.
For more details, see Section 4.10.2.
0b = Disables the Conversion Complete alert.
1b = Enables the Conversion Complete alert.
bit 0
Unimplemented at this time. Always reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com