Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 31 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 27Page - Microchip Technology PAC1721 Datasheet HTML 28Page - Microchip Technology PAC1721 Datasheet HTML 29Page - Microchip Technology PAC1721 Datasheet HTML 30Page - Microchip Technology PAC1721 Datasheet HTML 31Page - Microchip Technology PAC1721 Datasheet HTML 32Page - Microchip Technology PAC1721 Datasheet HTML 33Page - Microchip Technology PAC1721 Datasheet HTML 34Page - Microchip Technology PAC1721 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 31
PAC1721
5.6
SMBus/I2C Commands
The following section describes the commands sent to
PAC1721 using the SMBus or I2C protocols.
5.6.1
REFRESH AND REFRESH_V
Issue Refresh and Refresh_V commands using the
Send Byte. Specify the target address and the selected
command data (00h for REFRESH or 15h for
REFRESH_V) as shown in Table 5-3.
5.6.2
GENERAL CALL RESPONSE
When the host sends the General Call Address,
PAC1721 is able to execute a Refresh_G command.
For more details, see Section 4.2.3.
Issue the Refresh_G command using the Send Byte.
Specify the target address, the General Call Address
(0000 000b) and the REFRESH_G command register
address (14h).
Table 5-4 shows the PAC1721 General Call Response
to a Refresh_G command.
5.6.3
WRITE BYTE
Use the Write Byte to write one byte of data to the
specified register address, as shown in Table 5-5.
TABLE 5-3:
REFRESH AND REFRESH_V COMMANDS
START
Condition
Target
Address
WR
ACK
REFRESH or
REFRESH_V
Register
Address
ACK
STOP
Condition
1 → 0
YYYY_YYY
00
00h or 15h
00 → 1
TABLE 5-4:
GENERAL CALL RESPONSE
START
Condition
General Call
Address
WR
ACK
REFRESH_G
Register
Address
ACK
STOP
Condition
1 → 0
0000_000
00
14h
00 → 1
TABLE 5-5:
WRITE BYTE
START
Condition
Target
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
STOP
Condition
1 → 0
YYYY_YYY
00
XXh
0
XXh
00 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com