Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 5 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 5 Page - Microchip Technology

  PAC1721 Datasheet HTML 1Page - Microchip Technology PAC1721 Datasheet HTML 2Page - Microchip Technology PAC1721 Datasheet HTML 3Page - Microchip Technology PAC1721 Datasheet HTML 4Page - Microchip Technology PAC1721 Datasheet HTML 5Page - Microchip Technology PAC1721 Datasheet HTML 6Page - Microchip Technology PAC1721 Datasheet HTML 7Page - Microchip Technology PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 5
PAC1721
Power Accumulator Accuracy (1σ error range with more than 1,000 accumulations)
Accumulator Error
ACC_Err
—
0.8
—
%
VSENSE = 97 mV
—1
—
%
VSENSE = 10 mV
—1.5
—
%
VSENSE = 1 mV
—8
—
%
VSENSE = 100 µV
—15
—
%
VSENSE = 50 µV
Active Mode Timing
Time to First Communications
tINT_T
—
12
20
ms
Time after VDD is applied and PAC1721 is
ready to initiate communications and
sampling. Note 1
Transition Time from Sleep
State to Start of Conversion
Cycle
tSLEEP_TO_ACTIVE
—
—
5
ms
Time from when a register write initiates a
Sleep state exit to the start of a
conversion cycle for Single-shot modes.
A conversion cycle lasts 1 ms by default
and varies depending on ƒS. Note 1
Digital I/O Pins (SLOW/ALERT, PWRDN, SMBCLK, SMBDAT)
Input High Voltage
VIH
1.35
—
—
V
A0, A1, SDA and SCL pins
Input Low Voltage
VIL
—
—
0.8
V
A0, A1, SDA and SCL pins
Input High Voltage (PWRDN)VIH_PWRDN
1.35
—
—
V
PWRDN pin
Input Low Voltage (PWRDN)VIL_PWRDN
—
—
0.4
V
PWRDN pin
Input Hysteresis
VHYS
—
30
—
mV
Only when A0 and A1 pins set as inputs
Output Low Voltage
VOL
—
—
0.4
V
Sinking current:
• 8 mA for the A0 and A1 pins
• 20 mA for SDA pin
Leakage Current
ILEAK
-7
—
7
µA
Powered
1.3
AC Electrical Specifications
AC Electrical Characteristics: Unless otherwise indicated, maximum values apply at TA = -40°C to +125°C, VDD = 2.7V to 5.5V,
VI/O = 1.62V to 5.5V and VBUS = 0V to 9V. Typical values are at TA = 25°C, VDD = 3.3V, VI/O = 3.3V, VBUS = 9V and
VSENSE = VSENSE+ – VSENSE– = 0V.
Parameters
Symbol
Min.
Typical
Max.
Units
Conditions
I2C/SMBus Timing
Clock Frequency
ƒCLK
0.01
—
1
MHz Fast-mode Plus.
No minimum if timeout is disabled.
0.01
—
3.4
MHz High-speed Mode.
No minimum if timeout is disabled.
Spike Suppression
tSP
0
—
50
ns
Fast-mode Plus
0
—
10
ns
High-speed Mode
Bus Free Time: Stop to Start
tBUF
0.5
—
—
µs
Note 1
Hold Time after Repeated Start
Condition
tHD:STA
0.26
—
—
µs
Fast-mode Plus, Note 1
0.16
—
—
µs
High-speed Mode, Note 1
Repeated Start Condition
Setup Time
tSU:STA
0.26
—
—
µs
Fast-mode Plus, Note 1
0.16
—
—
µs
High-speed Mode, Note 1
Note 1:
In compliance with the SMBus 3.1 standard.
2:
No production testing. Characterization only.
1.2
DC Electrical Specifications (Continued)
DC Electrical Characteristics: Unless otherwise indicated, all parameters apply at TA = -40°C to +125°C, VDD = 2.7V to 5.5V and
VBUS = 0V to 9V. Typical values are at TA = 25°C, VDD = 3.3V and VSENSE = VSENSE+ – VSENSE– = 0V.
Parameters
Symbol
Min.
Typical
Max.
Units
Conditions
Note 1:
No production testing. Characterization only.
2:
All states, including leakage current and average value of capacitively coupled switching current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com