Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 37 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 33Page - Microchip Technology PAC1721 Datasheet HTML 34Page - Microchip Technology PAC1721 Datasheet HTML 35Page - Microchip Technology PAC1721 Datasheet HTML 36Page - Microchip Technology PAC1721 Datasheet HTML 37Page - Microchip Technology PAC1721 Datasheet HTML 38Page - Microchip Technology PAC1721 Datasheet HTML 39Page - Microchip Technology PAC1721 Datasheet HTML 40Page - Microchip Technology PAC1721 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 37
PAC1721
6.1
Reading Data Bytes
Data represented by the data registers becomes read-
able 1 µs after a conversion cycle completes and a
Refresh (any) command is issued.
When new data is written to a configuration register
and the host reads it back, the new data is read back
even if no Refresh (any) command was issued to
trigger the new data to take effect.
Check the following registers to ensure that the active
and latched configurations are known:
• CONTROL_ACT
• NEG_PWR_FSR_ACT
• CONTROL_LAT
• NEG_PWR_FSR_LAT
6.2
Register Categories
The PAC1721 registers can be categorized as follows:
• Data Registers:
◦ ACC_COUNT
◦ VACC
◦ VBUS
◦ VSENSE
◦ VBUS_AVG
◦ VSENSE_AVG
◦ VPOWER
◦ VBUS_MIN
◦ VBUS_MAX
◦ VSENSE_MIN
◦ VSENSE_MAX
◦ VPOWER_MIN
◦ VPOWER_MAX
• Configuration Registers:
◦ CONTROL
◦ NEG_PWR_FSR
◦ SLOW
◦ SLOW_ALERT0
◦ GPIO_ALERT1
◦ ACC_FULL_LIMIT
◦ ALERT_ENABLE
◦ ACC_COUNT_PRESET
◦ VACC_PRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com