Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 25 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 21Page - Microchip Technology PAC1721 Datasheet HTML 22Page - Microchip Technology PAC1721 Datasheet HTML 23Page - Microchip Technology PAC1721 Datasheet HTML 24Page - Microchip Technology PAC1721 Datasheet HTML 25Page - Microchip Technology PAC1721 Datasheet HTML 26Page - Microchip Technology PAC1721 Datasheet HTML 27Page - Microchip Technology PAC1721 Datasheet HTML 28Page - Microchip Technology PAC1721 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 25
PAC1721
To enable the following alerts, set the corresponding
bits in the ALERT_ENABLE register:
• Overvoltage and undervoltage alerts
• Overcurrent and undercurrent alerts
• Overpower alerts
• Rising and falling voltage and current alerts
• Accumulator and accumulator count alerts
For more details on enabling alerts, see Register 6-37.
Accumulator fullness limits are 2’s complement values,
regardless if unipolar or bipolar mode is used for VBUS
and VSENSE sampling. The ACC_FULL_LIMIT register
sets the accumulator and accumulator count fullness
and overflow limits. For details, see Register 6-28.
4.10.4
ALERT THRESHOLD LIMITS
Overvoltage, undervoltage, overcurrent, undercurrent,
overpower, rising and falling voltage and current events
trigger an alert only when the monitored parameter is
outside its set limits.
The registers for overcurrent (OC), undercurrent (UC),
overvoltage (OV), undervoltage (UV) and step limits
use 8 bits. PAC1721 compares the 8-bit limits (2’s
complement) to the first 8 MSBs of the corresponding
data 12-bit register.
The registers for overpower (OP) warning and critical
limits use 16 bits. PAC1721 compares the 16-bit limits
to the first 16 MSBs of the 24-bit VPOWER register.
Step limits are used to detect large changes in the most
recent conversion when compared to the appropriate
average register.
The alert thresholds are set in the following registers:
• OC_LIMIT – Register 6-29
• UC_LIMIT – Register 6-30
•OP_WARNING_LIMIT – Register 6-31
• OP_CRITICAL_LIMIT – Register 6-32
• OV_LIMIT – Register 6-33
• UV_LIMIT – Register 6-34
• STEP_LIMIT – Register 6-35
4.10.5
SAMPLES OVER LIMIT TO
TRIGGER ALERT
The N-SAMPLES_LIMIT register can be programmed
to specify how many consecutive samples must be
outside their configured limits before triggering an Alert
condition. For more details, see Register 6-36.
For overcurrent, overvoltage and overpower events,
exceeding the set threshold implies the measurement
is over the programmed limit. For undercurrent and
undervoltage, not exceeding the set threshold implies
the measurement is under the programmed limit. Both
events trigger an Alert condition.
When thresholds are negative, it implies that negative
numbers with large magnitudes trigger overcurrent,
overvoltage and overpower events, while negative
numbers with small magnitudes trigger undercurrent
and undervoltage events.
When sampling, PAC1721 detects if a measurement is
outside its programmed limits. By default, the number
of consecutive over limit detections that is required to
trigger the corresponding alert is 1, resulting in an alert
that occurs on the first sample that is not within the set
threshold. To change the number of consecutive over
limit detections required to trigger an alert, set the
appropriate bits in the N-SAMPLES_LIMIT register.
4.10.6
ACCUMULATOR-BASED ALERTS
The Alert function can be programmed to trigger when
the VACC and/or ACC_COUNT registers are filled to or
beyond a specified limit.
By default, the VACC register stores the accumulated
sum of VPOWER calculations. It can be programmed to
accumulate VBUS or VSENSE measurements instead.
PAC1721 compares the ACC_FULL[5:0] bits of the
ACC_FULL_LIMIT register with the 6 MSBs of the
VACC register. It determines if the accumulator has
exceeded its fullness limit and triggers the Accumulator
Full alert, if applicable.
The ACC_COUNT register stores the total number of
results accumulated in the VACC register. The Accu-
mulator Count Full limit determines the threshold
beyond which the ACC_COUNT register is considered
full and an alert condition triggers.
Note 1: Only the alert conditions set in the
ALERT_ENABLE register are capable
of triggering alerts. For more details,
see Register 6-37.
2: The ALERT_STATUS register displays
only enabled alerts. For more details,
see Register 6-18.
Note:
The maximum value that can be stored
in the ACC_FULL[5:0] bits is 111111b.
Do not use this value as the Accumulator
Full limit. Since this is the maximum
value, it cannot be exceeded and thus,
no alert is triggered. Use 111110b as
the maximum Accumulator Full limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com