Electronic Components Datasheet Search
  English  ▼

X  

PAC1721 Datasheet(PDF) 65 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 65 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 61Page - Microchip Technology PAC1721 Datasheet HTML 62Page - Microchip Technology PAC1721 Datasheet HTML 63Page - Microchip Technology PAC1721 Datasheet HTML 64Page - Microchip Technology PAC1721 Datasheet HTML 65Page - Microchip Technology PAC1721 Datasheet HTML 66Page - Microchip Technology PAC1721 Datasheet HTML 67Page - Microchip Technology PAC1721 Datasheet HTML 68Page - Microchip Technology PAC1721 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 65
PAC1721
bit 1:0
AUTO_REFRESH[1:0]: Configures Auto-refresh. A Refresh (any) command occurs after a conversion
cycle completes. In Single-shot Average sample mode, a Refresh (any) command occurs only after the
configured number of samples are averaged (8 samples by default). This is controlled by the
AVERAGE[2:0] bits in this register.
While Auto-refresh is enabled, manual Refresh (any) commands are ignored. Disabling the feature
allows PAC1721 to execute manual Refresh (any) commands.
When Auto-refresh is enabled, functional changes are not applied. Before modifying register values,
ensure Auto-refresh is disabled. Auto-refresh can be re-enabled afterwards.
00b = Disables Auto-refresh. Requires manual Refresh (any) commands (default).
01b = Enables Auto-refresh. Resets accumulator and accumulator count.
PAC1721 executes a Limited Refresh to move VBUS, VSENSE, VPOWER, accumulator data and
accumulator count to the I2C domain.
10b = Enables Auto-refresh. Does not reset accumulator and accumulator count.
PAC1721 executes a Limited Refresh_V to move VBUS, VSENSE, VPOWER, accumulator data and
accumulator count to the I2C domain.
11b = Reserved. Do not select this option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com