Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 106Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 107Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 108Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 109Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 110Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 111Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 112Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 113Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CLOCK GENERATOR
Preliminary
8-4
8.2 Register Description
Table 8.2 Clock Generator Register Map (Base Address = 0x80000400)
Name
Address
Type
Reset
Description
CKCTRL
0x00
R/W
0x00007FFE
Clock Control Register
PLLMODE
0x04
R/W
0x00002E02
PLL Control Register
SCLKmode
0x08
R/W
0x00082000
System Clock Control Register
DCLKmode
0x0C
R/W
0x00000800
DCLK (DAI/CODEC) Control Register
EACLKmode
0x10
R/W
0x00000000
ADCLK and EX2CLK Control Register
EX1CLKmode
0x14
R/W
0x00000000
EX1CLK Control Register
UTCLKmode
0x18
R/W
0x000001BE
UTCLK (UART) Control Register
UBCLKmode
0x1C
R/W
0x00000000
UBCLK (USB) Control Register
LCLKmode
0x20
R/W
0x00000000
LCLK (LCD) Control Register
TCLKmode
0x24
R/W
0x00000000
TCLK (Timer) Control Register
GCLKmode
0x28
R/W
0x00000000
GCLK (GSIO) Control Register
CIFCLKmode
0x2C
R/W
0x00000000
CIFCLK Control Register
SW_nRST
0x3C
R/W
0x0000FEFF
Software Reset for each peripherals
PWDCTL
0x40
R/W
0x00000000
Power Down Control
DIVMODE
0x44
R/W
0x00000000
Divider Mode Enable (DCO Disable)
HCLKSTOP
0x48
R/W
0x00000000
HCLK Stop Control
XIN
MUX
Divider
XTIN
PLL
DCO /
Divider
MUX
FCLK
DCO /
Divider
MUX
HCLK to CPU
•
•
•
MUX
DCO /
Divider
MUX
DCLK
PLLOUT
PLLDIVCLK
MUX
MUX
MUX
MUX
PLLmode[18]
PW DCTL[17]
(XTFCLK)
SCLKmode[15] ? PW DCTL[17] :
PW DCTL[16]
SCLKmode[5:0] (F_PHASE)
SCLKmode[13:8] (H_PHASE)
DCO/Divider selected if (SCLKmode[13:8] != 0)
PW DCTL[9:8] (DVPLL)
XTIN is selected if PW DCTL[7] (XTTC32) == 0
DIVCLK1
DIVCLK0
DCLKmode[13:0] (D_PHASE)
DCLKmode[15:14] (DIVD)
DCO/Divider selected if (SCLKmode[5:0] != 0)
!CKCTRL[24]
!CKCTRL[24] |
SCLKmode[14]
HCLKSTOP[14:0]
!CKCTRL[1]
!CKCTRL[11] (PLL)
!CKCTRL[12] &
(!CKCTRL[25] | PLLmode[19])
ZCLK
(32-bit Counter Clock)
Gated
HCLK to
each
peripheral
!CKCTRL[25]
!PW DCTL[7] |
!CKCTRL[12] &
(!CKCTRL[25] | PLLmode[19])
Figure 8.2 Clock Generator Register Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com