Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 112 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 112 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 108Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 109Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 110Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 111Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 112Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 113Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 114Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 115Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 116Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CLOCK GENERATOR
Preliminary
8-6
PLL Control Register (PLLmode)
0x80000404
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
LOCK XTE DIV1
S
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
M
0
0
P
Bit
Name
Type Default Description
31:21 Reserved
R
0
Reserved
20
LOCK
R
0
PLL Lock Counter Flag indicates that the internal PLL is in lock state.
This flag is generated from a counter, which runs with XIN oscillator
clock input. In case of 12MHz frequency, this bit will be set at about
341
µs after PLL is enabled. This bit is cleared when PLL bit (Bit
[11]) of CKCTRL register is set. Do not look up this flag when PLL
S/M/P parameter values are changed.
19
XTE
R/W
0
XTIN Enable in Power Down Mode.
0
XTIN is disabled in power down mode
1
XTIN is controlled by XTIN bit of CKCTRL register
This bit has no effect if XTTC32 bit of PWDCTL register is 0 (XTIN is
always enabled).
18
DIV1
R/W
0
Divisor Clock Select
0
Use Oscillator input as DIVCLK1 and DIVCLK0
1
Use PLL output as DIVCLK1 and DIVCLK0
17:16 S
R/W
0
PLL Post-Scaler
(0
≤ S ≤ 3)
15:14 Reserved
R
0
Reserved
13:8 M
R/W
0x2E
PLL Main-Divider (1
≤ P ≤ 62)
7:6
Reserved
R
0
Reserved
5:0
P
R/W
0x0E
PLL Pre-Divider
(1
≤ P ≤ 62)
S/M/P
PLL Frequency Setting
S [1:0]
Post-Scaler
(0
≤ S ≤ 3)
M[5:0]
Main-Divider
(1
≤ P ≤ 62)
P [5:0]
Pre-Divider
(1
≤ P ≤ 62)
The PLL output frequency can be acquired by the following equation.
fPLL = fXin * 8 * (M + 2) / ((P + 2) * 2
S )
Where, M, P, S can be set by PLLmode register. Note that not all the M and P
parameter combinations are valid. Make sure to check the stability of the resulting
frequency.
The PLL has a standby mode to minimize power consumption. It is controlled by PLL
bit of CKCTRL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com