Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 116 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 116 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 112Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 113Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 114Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 115Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 116Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 117Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 118Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 119Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 120Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CLOCK GENERATOR
Preliminary
8-10
EX1CLK Control Register (EX1CLKmode)
0x80000414
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DIVX1
EX1_PHASE[13:0]
Bit
Name
Type Default Description
31:16 Reserved
R
0
Reserved
15:14 DIVX1
R/W
0
EX1CLK Divisor Clock Select
DIVX1
fDIVX1 (Divisor Clock Source Selected)
0
XIN input
1
PLL output
2
XTIN input
3
PLLDIVCLK (PLL clock divider output)
13:0 EX1_PHASE R/W
0
EX1CLK Clock Frequency Select
DIVMODE[6]
EX1_PHASE
fEX1CLK (EX1CLK Frequency)
0
0
fDIVX1
0
1 ~ 0x2000
fDIVX1 * EX1_PHASE / 2
14
0
> 0x2000
Undefined. Do not use.
1
X
fDIVX1 / (EX1_PHASE + 1)
EX1CLK is also controlled by EX1 bit of CKCTRL register that can enable or disable EX1CLK. If this bit is set to
high, EX1CLK is disabled and if it is low, EX1CLK is enabled.
External clock is user-programmable clock that can be used various purposes. It is not used by internal peripherals, and
by setting GPIO registers, GPIO_B29, GPIO_B24 and GPIO_B[5:2] pins can output this clock to user application
board. Care must be taken not to use too high frequency that these pins cannot cope with.
UTCLK (UART) Control Register (UTCLKmode)
0x80000418
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DIVUT
UT_PHASE[13:0]
Bit
Name
Type Default Description
31:16 Reserved
R
0
Reserved
15:14 DIVUT
R/W
0
UTCLK Divisor Clock Select
DIVUT fDIVUT (Divisor Clock Source Selected)
0
XIN input
1
PLL output
2
XTIN input
3
PLLDIVCLK (PLL clock divider output)
13:0 UT_PHASE
R/W
0x1BE UTCLK Clock Frequency Select
DIVMODE[7]
UT_PHASE
fUTCLK (UTCLK Frequency)
0
0
fDIVUT
0
1 ~ 0x2000
fDIVUT * UT_PHASE / 2
14
0
> 0x2000
Undefined. Do not use.
1
X
fDIVUT / (UT_PHASE + 1)
UTCLK is also controlled by UART bit of CKCTRL register that can enable or disable UTCLK. If this bit is set to
high, UTCLK is disabled and if it is low, UTCLK is enabled
This clock is used by UART. For reliable communication with host side, this clock has the frequency of 3.6864MHz
or so. The UART clock is then divided by DL register in UART block, it is not so important to maintain the duty ratio
of 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com