Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 117 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 113Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 114Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 115Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 116Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 117Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 118Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 119Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 120Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CLOCK GENERATOR
Preliminary
8-11
UBCLK (USB) Control Register (UBCLKmode)
0x8000041C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
DIVUB
0
UB_PHASE[5:0]
UBCLK is used as the main clock of both USB Host and Device block.
Bit
Name
Type Default Description
31:10 Reserved
R
0
Reserved
9:8
DIVUB
R/W
0
UBCLK Divisor Clock Select
DIVUB fDIVUB (Divisor Clock Source Selected)
0
XIN input
1
PLL output
2
XTIN input
3
PLLDIVCLK (PLL clock divider output)
7:6
Reserved
R
0
Reserved
5:0
UB_PHASE
R/W
0
UBCLK Clock Frequency Select
DIVMODE[8]
UB_PHASE
fUBCLK (UBCLK Frequency)
0
0
fDIVUB
0
1 ~ 0x20
fDIVUB * UB_PHASE / 2
6
0
> 0x20
Undefined. Do not use.
1
X
fDIVUB / (UB_PHASE + 1)
UBCLK is gated separately by “UBH” bit and “USB” bit of CKCTRL register to generate UHCLK (for Host
Controller) and UDCLK (for Device Controller).
LCLK (LCD) Control Register (LCLKmode)
0x80000420
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
DIVLCD
0
LCD_PHASE[5:0]
Bit
Name
Type Default Description
31:10 Reserved
R
0
Reserved
9:8
DIVLCD
R/W
0
LCLK Divisor Clock Select
DIVLCD fDIVLCD (Divisor Clock Source Selected)
0
XIN input
1
PLL output
2
XTIN input
3
PLLDIVCLK (PLL clock divider output)
7:6
Reserved
R
0
Reserved
5:0
LCD_PHASE R/W
0
LCLK Clock Frequency Select
DIVMODE[9]
LCD_PHASE fLCLK (LCLK Frequency)
0
0
fDIVLCD
0
1 ~ 0x20
fDIVLCD * LCD_PHASE / 2
6
0
> 0x20
Undefined. Do not use.
1
X
fDIVLCD / (LCD_PHASE + 1)
LCLK is also controlled by LCK bit of CKCTRL register that can enable or disable LCLK. If this bit is set to high,
LCLK is disabled and if it is low, LCLK is enabled.
To avoid LCD FIFO underrun, LCLK frequency must be set below HCLK frequency.
fLCD < fHCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com