Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 115 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 115 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 111Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 112Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 113Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 114Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 115Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 116Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 117Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 118Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 119Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CLOCK GENERATOR
Preliminary
8-9
EACLK (External/ADC) Control Register (EACLKmode)
0x80000410
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
DIVAD
AD_PHASE[5:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DIVX2
EX2_PHASE[13:0]
Bit
Name
Type Default Description
31:24 Reserved
R
0
Reserved
23:22 DIVAD
R/W
0
ADCLK Divisor Clock Select
DIVAD fDIVAD (Divisor Clock Source Selected)
0
XIN input
1
PLL output
2
XTIN input
3
PLLDIVCLK (PLL clock divider output)
21:16 AD_PHASE
R/W
0
ADCLK Clock Frequency Select
DIVMODE[5]
AD_PHASE
fADCLK (ADCLK Frequency)
0
0
fDIVAD
0
1 ~ 0x2000
fDIVAD* AD_PHASE / 2
14
0
> 0x2000
Undefined. Do not use.
1
X
fDIVAD / (AD_PHASE + 1)
15:14 DIVX2
R/W
0
EX2CLK / I2C Divisor Clock Select
DIVX2
fDIVX2 (Divisor Clock Source Selected)
0
XIN input
1
PLL output
2
XTIN input
3
PLLDIVCLK (PLL clock divider output)
13:0 EX2_PHASE R/W
0
EX2CLK / I2C Clock Frequency Select
DIVMODE[4]
EX2_PHASE
fEX2CLK (EX2CLK Frequency)
0
0
fDIVX2
0
1 ~ 0x2000
fDIVX2 * EX2_PHASE / 2
14
0
> 0x2000
Undefined. Do not use.
1
X
fDIVX2 / (EX2_PHASE + 1)
ADCLK is also controlled by ADC bit of CKCTRL register that can enable or disable ADCLK. If this bit is set
to high, ADCLK is disabled and if it is low, ADCLK is enabled
EX2CLK is also controlled by EX2 bit of CKCTRL register that can enable or disable EX2CLK. If this bit is set
to high, EX2CLK is disabled and if it is low, EX2CLK is enabled.
External clock is a user-programmable clock that can be used for various purposes. By setting GPIO registers,
GPIO_A10, GPIO_A9 and GPIO_B28 pins can output this clock to user application board. Care must be taken
not to use too high frequency that the these pins cannot cope with this signals, or the pins show no clock signal
out.
EX2CLK is also a clock source for internal I2C core module. When it is used as an external clock, internal I2C
core may not function dependent on the clock frequency.
EX2CLK must be programmed to meet the following equation if I2C core is enabled.
fEX2CLK ≤ fHCLK / 4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com