Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 111 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 107Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 108Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 109Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 110Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 111Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 112Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 113Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 114Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CLOCK GENERATOR
Preliminary
8-5
Clock Control Register (CKCTRL)
0x80000400
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
PDN IDLE
0
TSTCK
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
CIF ADC XTIN PLL UBH GCK TCK LCK USB UART EX1 EX2
0
DAI
0
This register controls various sources of clocks fed to each peripheral. If each control bit (Bit [14:0]) is set to 1,
the corresponding clock is disabled and the peripherals using that clock are also disabled. To enable the clock,
clear the control bit to 0.
Bit
Name
Type Default Description
31:26 Reserved
R
0
Reserved
25
PDN
W
0
Power Down Mode Enable. When this bit is written with “1”, all blocks are
disabled. Do not enable this bit when the PLL is enabled and PLLOUT is
selected. This bit is write-only, always read as zero.
24
IDLE
W
0
Idle Mode Enable. When this bit is written with “1”, only the CPU is disabled.
Do not enable this bit when the PLL is enabled and PLLOUT is selected.
This bit is write-only, always read as zero.
23:20 Reserved
R
0
Reserved
19:16 TSTCK
R/W
0
Test Clock Output Selection (GPIO_B0 with GTSEL_B0 = 1).
Prior to use this field, user must set GPIO_B0 port appropriately. The
GTSEL_B0 should be set to 1, and the GSEL_B0 should be set to 0. Care
must be taken not to use SDRAM in this mode, because the GPIO_B0 pin
is shared with SD_CKE signal.
0x0 ~ 0x8
Set to Low
0x9
PLLOUT
0xA
PLLOUT xor DIVCLK1(either PLLOUT or XIN)
0xB
DIVCLK1 xor TCLK xor GCLK
0xC
CIFCLK xor DCLK xor EX2CLK
0xD
FCLK xor UHCLK xor EX1CLK
0xE
UTCLK xor UDCLK
0xF
LCLK xor ADCLK xor EX1CLK
15
Reserved
R
0
Reserved
14
CIF
R/W
1
CIF Clock Control
(0 = Enable, 1 = Disable)
13
ADC
R/W
1
ADC Clock Control
(0 = Enable, 1 = Disable)
12
XTIN
R/W
1
Sub Oscillator Clock Control
(0 = Enable, 1 = Disable)
This bit has no effect if XTTC32 of PWDCTL is “0” (XTIN always enabled).
11
PLL
R/W
1
PLL Control
(0 = Enable, 1 = Disable)
10
UBH
R/W
1
USB Host Clock Control
(0 = Enable, 1 = Disable)
9
GCK
R/W
1
GSIO Clock Control
(0 = Enable, 1 = Disable)
8
TCK
R/W
1
Timer Clock Control
(0 = Enable, 1 = Disable)
7
LCK
R/W
1
LCD Clock Control
(0 = Enable, 1 = Disable)
6
USB
R/W
1
USB Device Clock Control
(0 = Enable, 1 = Disable)
5
UART
R/W
1
UART Clock Control
(0 = Enable, 1 = Disable)
4
EX1
R/W
1
EXT1 Clock Control
(0 = Enable, 1 = Disable)
The EX1 clock can be monitored through GPIO_B29, GPIO_B24, GPIO_B5,
GPIO_B4, GPIO_B3, and GPIO_B2 pins. (Refer to Chapter GPIO)
3
EX2
R/W
1
EXT2 (I2C) Clock Control
(0 = Enable, 1 = Disable)
The EX2 clock can be monitored through GPIO_B28, GPIO_A9 and
GPIO_A10 pins. Refer to GPIO chapter for more information. The EX2 clock
is also a source clock for the I2C core module.
2
Reserved
R
1
Reserved
1
DAI
R/W
1
DAI Clock Control
(0 = Enable, 1 = Disable)
0
Reserved
R
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com