Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 113 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 113 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 109Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 110Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 111Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 112Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 113Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 114Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 115Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 116Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 117Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CLOCK GENERATOR
Preliminary
8-7
System Clock Control Register (SCLKmode)
0x80000408
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
HS
HD
H_PHASE
0
F_PHASE
It generates FCLK, HCLK for system operation. FCLK is dedicated for the ARM940T processor, HCLK is used as
internal AHB bus clock that is fed to almost internal peripherals including ARM940T processor, memory controller,
DMA controller, etc. Each clock can be generated either by DCO mode or Divider mode. The 6bit DCO (Digital
Controlled Oscillator) can generate a variable frequency as long as its frequency is below about one tenth of divisor
clock’s frequency. For reliable operation, keep the n power of 2 relationships with divisor clock, so the DCO act like
a simple clock divider. (To keep the n power of 2 relationship between fSCLK and fDIV in DCO mode, the phase
value must be one of the 0, 32, 16, 8, 4, 2, 1). The target frequency can be acquired by writing the phase value
calculated by the following equation to the PHASE register.
For the DCO Mode (when DIVMODE[1] is “0”),
PHASE = 64 * fSCLK / fDIV
(PHASE must be less or equal to 32)
For the Divider Mode (when DIVMODE[1] is “1”),
PHASE = fDIV / fSCLK - 1
Although the DCO mode can generate flexible frequency outputs, it has irreqular clock duty and jitter which may cause
unexpected timing problem especially with external bus components. Timing parameters programmd in memory
control registers should have sufficient margin to compensate the irregularity of the DCO. It is strongly recommended
to use Divider mode (refer to DIVMODE register) rather than DCO mode.
Bit
Name
Type
Default Description
31:16 Reserved
R
0x0008 Reserved
15
HS
R/W
0
HCLK Clock Select
0
Enable XTHCLK bit of PWDCTL register.
1
Disable XTHCLK bit of PWDCTL register. PWDCTL[16] signal,
which is shown in Figure 8.1, is replaced with PWDCTL[17].
14
HD
R/W
0
HCLK Clock Disable in IDLE Mode
0
In idle mode, HCLK is enabled
1
In idle mode, HCLK is disabled
By using this flag, the power of peripherals driven by HCLK especially
for memory controller can save more power in idle mode. This flag
must be used carefully because by setting this flag, most of the internal
modules including the memory controller are stopped in idle mode.
Also note that interrupt request from the internal core modules are not
available if HCLK is disabled. The external interrupt pins and the 32-bit
counter running with XTIN clock are valid wake up events in this case.
If you want to use another interrupt source as an wakeup event, do not
disable HCLK with HD bit.
Instead, use HCLKSTOP register to
disable each peripheral individually.
13:8 H_PHASE
R/W
0x20
HCLK Frequency Select
DIVMODE[1]
H_PHASE
fHCLK (HCLK Frequency)
0
0
fDIV or fFCLK (depends on HS bit)
0
1 ~ 0x20
fDIV * H_PHASE / 2
6
0
> 0x20
Undefined. Do not use.
1
X
fDIV / (H_PHASE + 1)
7:6
Reserved
R
0
Reserved
5:0
F_PHASE
R/W
0
FCLK Frequency Select
DIVMODE[0]
F_PHASE
fFCLK (FCLK Frequency)
0
0
fDIV
0
1 ~ 0x20
fDIV * F_PHASE / 2
6
0
> 0x20
Undefined. Do not use.
1
X
fDIV / (F_PHASE + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com