Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 140 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 140 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 136Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 137Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 138Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 139Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 140Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 141Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 142Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 143Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 144Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
UART/IRDA
Preliminary
10-2
Bit CLK
STOP = 1 bit, Parity = Even, Data = 8 bit of 0x55
TX Data
Start
Data (LSB first)
Parity
Stop
RZ Modulation of Data used in IrDA Transmission with PW = 3
Bit CLK
TX Data
TXIrDA
PW
Figure 10.2 Timing Diagram of UART Transmission
10.2 Register Description
Table 10.1 UART/IrDA Register Map (Base Address = 0x80000600)
Name
Address Type
Reset
Description
UTRXD
0x00
R
Unknown
Receiver Buffer Register
UTTXD
0x00
W
Unknown
Transmitter Holding Register
UTDL
0x04
W
0x0000
Divisor Latch Register
UTIR
0x08
R/W
0x000
Interrupt Register
UTCR
0x0C
R/W
0x000
UART Control Register
UTLSR
0x10
R
0x0101
Status Register
IrDACFG1
0x14
R/W
0x0003
IrDA Configuration Register 1
IrDACFG2
0x18
R/W
0x4da1
IrDA Configuration Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com