Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 139Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 140Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 141Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 142Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 143Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 144Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 145Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 146Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 147Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
UART/IRDA
Preliminary
10-5
UART/IrDA Control Register (UTCR)
0x8000060C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
NO
BK
TF
RF
FIFO
PR
ST
0
NO [9]
Type
Start Bit Width Check
0
Check if the pulse width of start bit is more than 0.5 bit
duration of baud rate
1
R/W
Don’t check the pulse width of start bit (test or boot
mode only)
BK [8]
Type
Break Control Bit
0
Normal operation
1
R/W
Bit ‘0’ is transmitted regardless of THR
TF [7]
Type
Reset Transmitter FIFO
1
R/W
The transmitter FIFO is cleared
RF [6]
Type
Reset Receiver FIFO
1
R/W
The receiver FIFO is cleared
FIFO [5:4]
Type
RX FIFO Level Select
n
R/W
0 = 1byte FIFO,
1 = 2 byte FIFO
2 = 4 byte FIFO,
3 = 7 byte FIFO
If this field is set to 1, it means that the RDA flag or interrupt is influenced when the
number of received data in the RX FIFO is 2. It is recommended that this field is set to 0,
so right after reception of some data, the RDA flag or interrupt can be generated.
PR [3:2]
Type
Parity Bit Select
0
Even parity
1
Odd parity
2, 3
R/W
Parity is disabled
ST [1]
Type
Stop Bit
0
1 Stop bit
1
R/W
2 Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com