Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 145 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 145 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 141Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 142Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 143Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 144Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 145Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 146Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 147Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 148Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 149Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
UART/IRDA
Preliminary
10-7
IrDA Configuration Register 1 (IrDACFG1)
0x80000614
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EN
P1
POL
LB
0
PW
EN [15]
Type
IrDA TX Enable
0
IrDA TX is disabled, UART mode is used
1
R/W
IrDA TX is enabled
P1 [14]
Type
Transmit Pulse Type
0
Pulse width is proportional to selected baud speed
1
R/W
Pulse width is proportional to UART base clock speed
POL [13]
Type
Transmit Pulse Polarity
0
TX ‘0’ data is converted to level high pulse
1
R/W
TX ‘0’ data is converted to level low pulse
LB [12]
Type
Loopback
0
Normal operation
1
R/W
Transmitted data is fed back to RX port.
PW [3:0]
Type
IrDA RZ Pulse Width
PW
R/W
Controls pulse width of TX ‘0’ data. If PW = 3, the high
pulse has duration of 3/16 of it’s a bit period or 3 * 3686400-
1 sec.
The IrDA shares data path with UART. So all of UART registers such as baud rate,
interrupt en/disable, communication control, line status also influence to IrDA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com