Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 149 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 149 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 145Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 146Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 147Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 148Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 149Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 150Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 151Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 152Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 153Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
GSIO PORT
Preliminary
11-3
GSIOn Control Register (GSCR0 ~ GSCR3)
0x80000708 + (0x10 * n)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
EN
MS
WORD
WS
DIV
CP
CM
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
DELAY
FP
FRM1
FRM2
EN [31]
GSIO Enable
0
Disable the corresponding GSIO block
1
Enable the corresponding GSIO block
MS [30]
First Bit Select
0
Data is transmitted or received by LSB first order
1
Data is transmitted or received by MSB first order
WORD [29:26]
GSIO word size
n
GSIO data transaction has (n+1) bit unit, n = 0 ~ 15
*) This is valid only when the WS bit of GSCRn register is 0.
WS [25]
Word Size Select
0
GSIO word size is determined by WORD of GSCRn register
1
GSIO word size is determined by BW of GSDO register
DIV [24:18]
GSIO base clock speed control
0
Reserved.
1
≤ n ≤ 127
GSIO base clock has 1/(2n+2) of GCLK frequency.
CP [17]
GSIO clock polarity
0
SDO changes or SDI is sampled at SCK falling
1
SDO changes or SDI is sampled at SCK rising
CM [16]
Last clock mask
0
No mask. GSIO clock is generated for every SDO.
1
GSIO clock is masked at the last SDO period.
DELAY [14:13]
Initial delay for serial transmission
0
Reserved. DELAY should not be set to 0.
1
≤ n ≤ 3
GSIO transmission starts after n base clock has generated.
FP [12]
Frame pulse polarity
0
FRM has low active pulse
1
FRM has high active pulse
FRM1 [11:6]
Frame pulse start position
n
Frame pulse starts after n base clock has generated
FRM2 [5:0]
Frame pulse end position
n
Frame pulse ends after n base clock has generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com