Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 153 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 153 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 149Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 150Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 151Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 152Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 153Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 154Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 155Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 156Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 157Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MISCELLANEOUS PERIPHERALS
Preliminary
12-1
12 MISCELLANEOUS PERIPHERALS
12.1 ADC
12.1.1 Overview
The TCC76x has multiple-input general purpose low-power ADC for battery level detection, remote control interface,
touch screen interface, etc. It is a CMOS type 10bit A/D converter with 8-channel analog input multiplexer. The
TCC761 can support up to 8 inputs for ADC, and the other derivatives can support up to 3 inputs.
•
Resolution : 10-bit
•
Maximum Conversion Rate : 500KSPS
•
Main Clock : 2.5MHz (Max.)
•
Standby Mode
•
Input Range : 0.0V ~ VDDA_ADC
IRQ to Interrupt
Controller
ADCCFG
ADC
Core
ADCCON/
ADCCONA
ADCDATA/
ADCSTATUS
DO[9:0]
EOC
STC
STBY
CLK
SEL[2:0]
Timing
Control
Command
Buffer (x4)
Read Data
Buffer (x4)
AIN[7:0]
Figure 12.1 ADC Controller Block Diagram
Except for the APB interface, the ADC controller module runs with ADCLK from the Clock Generator module. The
clock input is always divided before sent to the ADC core. The EACLKmode register of Clock Generator and
CLKDIV bits of ADCCFG register must be programmed to get desired frequency. The maximum frequency of CLK
signal in Figure 12.1 must not exceed 2.5MHz.
When one of the ADCCON or ADCCONA register is written with a channel number (SEL[2:0]), the SEL value is
posted to the Command Buffer. The ADC Core starts conversion cycle as long as the Comand Buffer is not empty.
After the conversion cycle is completed, the result is written in Read Data Buffer. The data can be read from either
ADCDATA or ADCSTATUS register. Up to four different SEL values can be posted to the Command Buffer.
When the buffer is full, data written to ADCCON/ADCCONA registers are ignored. Various operating options can
be set by using ADCCFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com