Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 157 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 157 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 153Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 154Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 155Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 156Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 157Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 158Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 159Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 160Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 161Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MISCELLANEOUS PERIPHERALS
Preliminary
12-5
Miscellaneous Configuration Register (MISCFG)
0x80000A1C
Bit
Name
R/W
Reset Description
31:16
Reserved
R
0
15
RDYIRQEN
R/W
0
READY Interrupt Request Enable.
When enabled, input from
READY pin can generate interrupt to the CPU via channel [15] of
Interrupt Controller. MEN bit of Interrupt Enable Register is used for
interrupt enable bit for READY pin only. Refer to RDY bits in
Section 5.2 Interrupt Controller Register Description.
14
RDYIRQPOL
R/W
0
READY Interrupt Request Polarity Control. (1 = inverted)
13:5
Reserved
R
0
4
CIFEN
R/W
0
Camera Interface Enable on to GPIO pins. CIFEN has a precedence
over CFGI2C bit and GPIO control bits.
Camera Interface Signals
GPIO Pins
HS
GPIO_D[17]
VS
GPIO_D[16]
CLK
GPIO_D[15]
Data[7:4]
GPIO_D[21:18]
Data[3:0]
GPIO_A[3:0]
3:2
Reserved
R
0
1:0
CFGI2C
R/W
0
These bits selects GPIO pins for I2C signals.
CIFEN
CFGI2C[1:0]
SCL
SDA
X
00
Disabled
Disabled
X
01
GPIO_A[9]
GPIO_A[8]
X
10
GPIO_A[11]
GPIO_A[10]
0
11
GPIO_D[17]
GPIO_D[16]
1
11
Disabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com