Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 159 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 159 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 155Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 156Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 157Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 158Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 159Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 160Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 161Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 162Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 163Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MISCELLANEOUS PERIPHERALS
Preliminary
12-7
Buffer Drive Strength Select BH (CFGDRVBH)
0x80000A3C
Bit
Name
R/W
Reset
Description
31:0
CFGDRVBH
R/W
0x00000000 Buffer Drive Strength Select for GPIO_B pins.
Buffer Drive Strength Select CL (CFGDRVCL)
0x80000A40
Bit
Name
R/W
Reset
Description
31:0
CFGDRVCL
R/W
0x00000000 Buffer Drive Strength Select for GPIO_C pins.
Buffer Drive Strength Select CH (CFGDRVCH)
0x80000A44
Bit
Name
R/W
Reset
Description
31:0
CFGDRVCH
R/W
0x00000000 Buffer Drive Strength Select for GPIO_C pins.
Buffer Drive Strength Select DL (CFGDRVDL)
0x80000A48
Bit
Name
R/W
Reset
Description
31:0
CFGDRVDL
R/W
0x00000000 Buffer Drive Strength Select for GPIO_D pins.
Buffer Drive Strength Select DH (CFGDRVDH)
0x80000A4C
Bit
Name
R/W
Reset
Description
31:0
CFGDRVDH
R/W
0x00000000 Buffer Drive Strength Select for GPIO_D pins.
Buffer Drive Strength Select XL (CFGDRVXL)
0x80000A50
Bit
Name
R/W
Reset
Description
31:28
Reserved
R/W
0x0
Reserved
27
XDL
R/W
0
Buffer Drive Strength Select for XD[15:0] pins
26
CLKL
R/W
0
Buffer Drive Strength Select for SD_CLK pin
25
OEL
R/W
1
Buffer Drive Strength Select for nOE pin
24
WEL
R/W
1
Buffer Drive Strength Select for nWE pin
23:0
XAL
R/W
0xFFFFFF
Buffer Drive Strength Select for XA[23:0] pins.
Buffer Drive Strength Select XH (CFGDRVXH)
0x80000A54
Bit
Name
R/W
Reset
Description
31:28
Reserved
R/W
0x0
27
XDH
R/W
0
Buffer Drive Strength Select for XD[15:0] pins
26
CLKH
R/W
1
Buffer Drive Strength Select for SD_CLK pin
25
OEH
R/W
0
Buffer Drive Strength Select for nOE pin
24
WEH
R/W
0
Buffer Drive Strength Select for nWE pin
23:0
XAH
R/W
0x000000
Buffer Drive Strength Select for XA[23:0] pins.
System Configuration (CFGSYS)
0x80000A60
Bit
Name
R/W
Reset
Description
31:17
Reserved
R/W
0x00000000
16
CFGRSPERR
R/W
0
Error Response Enable. When enabled, ABORT is asserted to
the CPU if undefined addresses are accessed.
15:0
Reserved
R/W
0x0000
Reserved for test. Must be written as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com