Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 162 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 162 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 158Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 159Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 160Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 161Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 162Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 163Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 164Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 165Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 166Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DMA CONTROLLER
Preliminary
13-2
13.2 Register Description
Table 13.1 DMA Controller Register Map (Base Address = 0x80000E00)
Name
Address
Type
Reset
Description
ST_SADR0
0x00
R/W
-
StartAddress of Source Block
SPARAM0
0x04/0x08
R/W
-
Parameter of Source Block
C_SADR0
0x0C
R
-
CurrentAddress of Source Block
ST_DADR0
0x10
R/W
-
StartAddress of Destination Block
DPARAM0
0x14/0x18
R/W
-
Parameter of Destination Block
C_DADR0
0x1C
R
-
CurrentAddress of Destination Block
HCOUNT0
0x20
R/W
0x00000000
Initial and Current Hop count
C
H
A
N
N
E
L
0
CHCTRL0
0x24
R/W
0x00000000
Channel Control Register
CHCONFIG
0x2C
R/W
-
Channel Configuration Register
ST_SADR1
0x30
R/W
-
StartAddress of Source Block
SPARAM1
0x34/0x38
R/W
-
Parameter of Source Block
C_SADR1
0x3C
R
-
CurrentAddress of Source Block
ST_DADR1
0x40
R/W
-
StartAddress of Destination Block
DPARAM1
0x44/0x48
R/W
-
Parameter of Destination Block
C_DADR1
0x4C
R
-
CurrentAddress of Destination Block
HCOUNT1
0x50
R/W
0x00000000
Initial and Current Hop count
C
H
A
N
N
E
L
1
CHCTRL1
0x54
R/W
0x00000000
Channel Control Register
Start Source Address Register (ST_SADR)
0x80000E00
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
ST_SADR[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ST_SADR[15:0]
This register contains the start address of source memory block for DMA transfer. The transfer
begins reading data from this address.
Start Destination Address Register (ST_DADR)
0x80000E10
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
ST_DADR[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ST_DADR[15:0]
This register contains the start address of destination memory block for DMAtransfer.
Source Block Parameter Register (SPARAM)
0x80000E04 / 0x80000E08
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SMASK[23:8]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SMASK[7:0]
SINC[7:0]
SMASK [31:8]
Source Address Mask Register
0
non-masked
1
Masked so that source address bit doesn’t be changed during DMA
transfer
Each bit field controls the dedicated bit of source address field. That is, if SMASK[23] is set to 1,
the 28th bit of source address is masked, and if SMASK[22] is set to 1, the 27th bit of source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com