Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 164 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 164 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 160Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 161Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 162Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 163Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 164Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 165Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 166Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 167Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 168Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DMA CONTROLLER
Preliminary
13-4
HOP Count Register (HCOUNT)
0x80000E20
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
C_HCOUNT[15:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ST_HCOUNT[15:0]
C_HCNT [31:16]
Type
Current Hop Count
cn
R
Represent cn number of Hop transfer remains
ST_HCNT [15:0]
Type
Start Hop Count
sn
R/W
DMAtransfers data by amount of sn Hop transfers
At the beginning of transfer, the C_HCNT is updated by ST_HCNT register. At the end of every
hop transfer, this is decremented by 1 until it reaches to zero. When this reaches to zero, the DMA
finishes its transfer and may or may not generate its interrupt according to IEN flag of CHCTRL
register.
Channel Control Register (CHCTRL)
0x80000E24
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
DMASEL[12:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CONT
0
SYNc
HRD
LOCK
BST
TYPE
BSIZE
WSIZE
FLAG
IEN
REP
EN
DMASEL [28:16]
Select Source of DMA Request
non-zero
Each bit field selects corresponding signal as a source for DMA
request. The bit-map of this register is identical with the IEN of
interrupt controller. So if you want to use EXINT0 pin as a source of
DMA request, set DMASEL[0] as 1 and select transfer type of
HW_ARBIT or HW_BURST.
If multiple bits of this field are set, all the corresponding signal can
generate DMArequest for this channel.
CONT [15]
Issue Continuous Transfer
0
DMA transfer begins from ST_SADR / ST_DADR address
1
DMAtransfer begins from C_SADR / C_DADR address
It must be used after the former transfer has been executed, so that
C_SADR and C_DADR contain a meaningful value.
SYNC [13]
Hardware Request Synchronization
0
Do not Synchronize Hardware Request.
1
Synchronize Hardware Request.
HRD [12]
Hardware Request Direction
0
ACK/EOT signals are issued when DMA-Read Operation.
1
ACK/EOT signals are issued When DMA-Write Operation.
LOCK [11]
Issue Locked Transfer
1
DMAtransfer executed with lock transfer
Lock field controls the LOCK signal (refer toAHB specification). When the LOCK is set to 1,
the DMAtransfer doesn’t be bothered by otherAHB masters like LCD controller,ARM etc. This
field is only meaningful in case of non-burst type transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com