Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 165 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 165 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 161Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 162Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 163Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 164Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 165Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 166Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 167Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 168Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 169Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DMA CONTROLLER
Preliminary
13-5
BST[10]
BURST Transfer
0
DMAtransfer executed with arbitration.
1
DMAtransfer executed with no arbitration. ( burst operation )
Arbitration means that at the end of every HOP transfer, theAHB bus is released from DMA
channel so other master can occupy the bus when that master has requested the bus.
Burst means that once the DMArequest occurs, all of transfers are executed without further
DMArequests.
TYPE [9:8]
Transfer Type
00
SINGLE transfer with edge-triggered detection
11
SINGLE transfer with level-sensitive detection
01
HW transfer
10
SW transfer
In SINGLE Type,After one Hop data transferring DMAchecks External DMARequest
(DREQ ) and then if its bit is active , DMAtransfers next hop data . DREQ is detected level-
sensitive or edge-triggered by SINGLE transfer TYPE.
The 1 Hop of transfer means 1 burst of read followed by 1 burst of write. 1 burst means 1, 2 or 4
consecutive read or write cycles defined by BSIZE field of CHCTRL register. The Figure 13.2
illustrates the relation among the above transfers.
1 Burst of Read
RRRR
W
W
W
W
1 Burst of Write
1 Hop of Transfer
RRRR
W
W
W
W
DMA Transfer
1 Burst of Read
1 Burst of Write
1 Hop of Transfer
* R : Read cycle for 8,16 or 32bit data
* W : Write cycle for 8,16 or 32bit data
* Arbitration Mode
Figure 13.2 Relation between Hop and Burst Transfers (If burst size is 4.)
Hardware type transfer means that the DMAtransfer triggered by external or internal hardware
blocks selected by DMASEL field in CHCTRLregister. This field has same mapping with
interrupt enable flag of interrupt controller, so the DMAtransfer can be occurred as like as
interrupt is generated.
Software type transfer means that the DMAtransfer triggered by EN bit of CHCTRL Register .
When this is set to 1, transfer request signal is generated internally and then the transfer begins
immediately.
Hardware demand type transfer (HW_DEMAND) means that once the DMArequest occurs,
DMAchecks request signal each hop transfer, and if request signal is set, DMAtransfer one
hope’s data.After transferring all hope’s data, DMAoperation will be finished.
Figure 13.3 is the example of various types of transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com