Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 169 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 169 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 165Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 166Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 167Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 168Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 169Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 170Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 171Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 172Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 173Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-1
14 LCD CONTROLLER
14.1 Overview
The LCD controller (LCDC) is used to send out the image data from system memory to a
LCD panel or NTSC/PAL encoder by properly formatting the raw image data stored in
the memory. This LCDC provides all the necessary control signals to interface directly to
mono STN, color STN, TFT panels, and NTSC/PAL encoders. Figure 14.1 shows LCDC
block diagram and Figure 14.2 shows LCDC pin mappings.
The features of the LCDC are:
supports Thin Film Transistor(TFT) color displays with 16-bit interface
supports Super Twisted Nematic(STN) displays with 4 or 8-bit interfaces
1, 2 or 4 bits per pixel(bpp) displays for mono STN
8 /16 bpp color displays for color STN
16 bpp true-color non-palletized color displays for color TFT
resolution programmable up to 1024 * 1024
programmable timing for different display panels
NTSC/PAL digital video encoder interface
Register
Bank
LDMAC
FIFO2
Mixer
Gray
scaler
Output
FIFO
FIFO
controller
FIFO0
FIFO1
RGB to
YUV
Pixel
Serializer
YUV to
RGB
Timing
Controller
PXD[15:0]
HSYNC
VSYNC
PXCLK
ACBIAS
interrupt controller
Figure 14.1 LCD controller Block Diagram
Signal name
GPIO
HSYNC
GPIO_B17
VSYNC
GPIO_B18
PXCLK
GPIO_B19
ACBIAS
GPIO_B20
PXDATA[15:0]
GPIO_A[31:16]
Figure 14.2 PIN mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com