Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 173 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 173 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 169Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 170Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 171Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 172Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 173Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 174Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 175Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 176Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 177Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-5
31
p24
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
p25 p26 p27 p28 p29 p30 p31 p16 p17 p18 p19 p20 p21 p22 p23
p11
p10
p9
p8
p15
p14
p13
p12
p4
p5
p6
p7
p2
p3
p1
15
p8
14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
p9 p10 p11 p12 p13 p14 p15 p0 p1 p2 p3 p4 p5 p6 p7
p0
p1
p2
p3
p7
p6
p5
p4
p0
p1
p2
p3
p0
p1
p0
2BPP
1BPP
4BPP
8BPP
16BPP
2BPP
1BPP
4BPP
8BPP
16BPP
b) BR=1
Figure 14.4 STN LCD pixel data organization
Figure 14.5 Color STN Pixel Data
ACBIAS signal is used by the LCD driver to alternate the polarity of the row and column
voltage used to turn the pixel on and off. It is controlled by the ACDIV field of
LCLKDIV register. This value must be (lpw+1) times.
ACDIV = {(lpw+1) * n} –1
n = number of HSYNC(CL1)
PXCLK frequency is determined by the CLKDIV field of LCLKDIV register as follows.
The minimum value of CLKDIV is 3 in STN mode.
fPXCLK
= fLCLK / (2 * CLKDIV)
(1)
VSYNC frequency is related to the field of FEWC, LSWC, LEWC, LPC, and FLC as
well as LCLK and PXCLK.
fVSYNC
= fPXCLK / [{(LPW+1) + (LPC+1) + (LSWC+1) + (LEWC+1)}
* {(FLC + 1) + (FPW+1)}]
Therefore, if FR is the required refresh rate, fPXCLK_REQ, which is the required PXCLK, is
the flowing.
fPXCLK_REQ = FR x [ {(LPW+1) + (LPC+1) + (LSWC+1) + (LEWC+1)}
* {(FLC + 1) + (FEWC+1)} ]
(2)
The LCDC contains dithering pattern registers for STN LCD: a 48-bit modulo 7 dithering
pattern register (LDP7L and LDP7H), a 32-bit modulo 5 dithering pattern register (LDP5),
a 16-bit modulo 4 dithering pattern register (LDP4), and a 16-bit modulo 3(LDP3)
dithering pattern register. These dithering pattern registers can contain the programmable
STN
8BPP
7
6
5
4
3
2
1
0
B[2:0]
G[2:0]
R[1:0]
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
B[3:0]
G[3:0]
R[3:0]
X
STN
16BPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com