Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 176 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 176 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 172Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 173Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 174Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 175Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 176Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 177Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 178Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 179Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 180Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-8
Example
For a monochrome STN LCD, 4-bit interface panel, 4 pixels are captured by the
panel in every panel clock cycle. Figure 14.8 gives the major registers to be
programmed for supporting 4-bit interface STN LCD. LCLK and Refresh rate are
examples only. And LSWC, LEWC, LPW, and FEWC are STN LCD panel
dependent.
LCLK = 20 MHz, Refresh rate = 60 Hz
PXDW* = 0 (4bits)
VD* = 1
BPP* = 2 (4bpp)
DP* = 0 (one pixel data per pixel clock cycle)
NI = 1
TV* = 0, TFT* = 0, STN* = 1
LSWC* = LEWC* = LPW* = FEWC* = 1 (STN LCD dependent)
Width
(pixel)
Height
(pixel)
LPC*
FLC*
DHSIZE* DVSIZE*
F**
PXCLK_REQ
CLKDIV* fPXCLK
***
160
160
39
159
160
160
0.393
25
0.4
160
200
39
199
160
200
0.491
20
0.5
320
200
79
199
320
200
0.973
10
1
.*) control registers to be programmed. **) Refer to expression (2). ***) Refer to expression (1).
Figure 14.8 Monochrome STN LCD(4bits, 1BPP) example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com