Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 180 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 180 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 176Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 177Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 178Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 179Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 180Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 181Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 182Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 183Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 184Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-12
VSYNC
HSYNC
(LVTIME1.FPW+1)/2
Odd Field
LPW + 1
LPC + 1
HSYNC
PXCLK
PD
ACBIAS
line 0
line 1
LSWC + 1
LEWC + 1
(LVTIME4.FEWC+1)/2
......
......
Even Field
......
VSYNC
......
(LVTIME2(odd) or 4(even).FSWC + 1)/2
......
......
(LVTIME3.FPW+1)/2
Figure 14.14 PAL interlace mode timing
Example
The frame memory has RGB565 type image source. The following code fragment
gives the major registers to be programmed for NTSC encoder interface.
HCLK = 72MHz, LCLK = 54MHz, PXCLK=27MHz
LCTRL = 0x041E8E03
LCTRL.YUV = 0 (RGB)
LCTRL.BPP = 0x4 (RGB565)
LCTRL.R2Y = 0x1
LCTRL.DP = 0x1
LCTRL.PXDW = 0x6 (16bits)
LCTRL.TV = 0x1
LCTRL.IAC = 0x0
LCTRL.IVS = 0x1
LCTRL.IHS = 0x1
LCTRL.IPX = 0x1
LCTRL.NI = 0x0
LCTRL.DEN = 0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com