Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 183 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 183 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 179Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 180Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 181Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 182Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 183Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 184Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 185Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 186Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 187Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-15
LCD Control Register (LCTRL)
0x80000F00
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
YUV[1:0]
BPP[3:0]
BR
Y2R R2Y
DP
PXDW[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TV
IAC
IVS
IHS
IPX
NI
TFT
STN
DEN
LEN
YUV [29:28]*
YUV data type
00
RGB
01
YUV 4:2:0
11
YUV 4:2:2
*) When it is YUV 4:2:0 or YUV 4:2:2, BPP must be 8bpp.
BPP [27:24]
Bits Per Pixel
0000
1 bpp
0001
2 bpp
0010
4 bpp
0011
8 bpp*
0100
RGB565
0101
RGB555
0111
RGB444 (STN only)
*) When it is YUV 4:2:0 or YUV 4:2:2, BPP must be 8bpp.
BR[22]*
Bit-Reverse
0
Little-endian pixel data
1
Big-endian pixel data
*) It is only used when BPP is 1, 2, or 4bpp.
Y2R[21]
YUV to RGB converter
0
Disable
1
Enable
R2Y[20]
RGB to YUV converter
0
Disable
1
Enable
DP[19]
Double Pixel Data
0
One pixel data every one PXCLK cycle is output.
1
One pixel data every two PXCLK cycle is output. It is for 16-bit TV
mode.
PXDW [18:16]
Pixel Data Width
000
4 bits
010
6 bits
011
8bits
100
16bits(RGB565)
101
16bits(RGB555)
110
16bits(YUV)
IAC [12]
Inverted ACBIAS signal
0
Normal
1
Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com