Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 184 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 184 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 180Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 181Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 182Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 183Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 184Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 185Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 186Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 187Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 188Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-16
IVS [11]
Inverted VSYNC signal
0
Normal
1
Inverted
IHS[10]
Inverted HSYNC signal
0
Normal
1
Inverted
IPX [9]
Inverted Pixel Clock
0
Data is driven onto the LCD’s data pins on the rising edge of pixel
clock pin
1
Data is driven onto the LCD’s data pins on the falling edge of pixel
clock pin
NI [7]
Non-interlace
0
Interface mode.
Odd field timing control: LVTIME1, LVTIME2
Even field timing control: LVTIME3, LVTIME4
1
Non-interlace mode
LVTIME1 and LVTIME3 must be same, and LVTIME2 and
LVTIME4 must be same.
TV[15]
TFT [4]
STN [3]
Description
0
0
1
Select STN-LCD mode
0
1
0
Select TFT-LCD mode
1
0
0
Select TV mode
In this mode, all values of LVTIMEn registers
are
divided
by
2.
Therefore,
if
LVTIME1.FPW is set to 5 HSYNC cycles,
LVTIME1.FPW is programmed to 9(= 5*2 –
1).
Other combinations are undefined and should not be used.
DEN [1]
Pixel Data Transfer Enable
0
Disable
If LEN is enabled, LCD controller only generates timing control
signals.
1
Enable
Normally, DEN must be always enabled to operate LCD controller and display pixel data
on LCD. Some LCD modules, however, have their own frame memory. In this case, if
the current frame is the same with previous frame, it needs not to be transferred to LCD
module for reducing power-consumption and bus-bandwidth.
LEN [0]
LCD controller Enable
0
Disable
1
Enable
LCD Clock Divider Register (LCLKDIV)
0x80000F04
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ACDIV
CLKDIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com