Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 185 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 185 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 181Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 182Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 183Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 184Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 185Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 186Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 187Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 188Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 189Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-17
FIELD
Description
ACDIV [15:8]
AC Bias clock divisor(STN only).
The number of clock cycles to count between each toggle of
AC_BIAS pin.. ACBIAS is toggled every n HSYNC cycles if ACDIV
is {(lpw+1) *n – 1}.
CLKDIV [7:0]
Pixel clock divisor
Note that programming CLKDIV less than 3 is illegal for STN LCD.
PXCLK = LCLK / (2*CLKDIV)
(if CLKDIV = 0, PXCLK = LCLK)
LCD Horizontal Timing Register1 (LHTIME1)
0x80000F08
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
LPW
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
LPC
FIELD
Description
LPW [23:16]
Line Pulse Width is the number of pixel clock cycles.
LPC [10:0]
Line Pulse Count is the number of pixel clock cycles in each line minus
1 on the screen
TFT /NTSC(16bit)/PAL(16bit) : active horizontal pixels - 1
Color STN : (3 * Horizontal display size / pixel width) -1
Mono STN: (Horizontal display size / pixel width )- 1
LCD Horizontal Timing Register2 (LHTIME2)
0x80000F0C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
LSWC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
LEWC
FIELD
Description
LSWC [24:16]
Line Start Wait Cycle is the number of dummy pixel-clock cycles
minus 1 to insert from the start of each horizontal line of pixels.
LEWC [8:0]
Line End Wait Cycle is the number of dummy pixel-clock cycles minus
1 to insert before the end of each horizontal line of pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com