Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 189 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 189 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 185Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 186Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 187Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 188Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 189Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 190Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 191Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 192Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 193Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-21
LCD Status Register (LSTATUS)
0x80000F44
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
EF
DD
RU
FU
FIELD
Description
EF [3]
Even-Field(Read-Only)
0: odd field or frame
1: even field or frame
DD* [2]
Disable Done(Read/Clear).
If LEN is disabled, DD will be 1 after current frame has been
displayed.. As MDD of LIM register is cleared, it can be LCD interrupt
source
RU*[1]
Register Update(Read/Clear)
It indicates that all registers programmed are applied to current frame
data. As MRU of LIM register is cleared, it can be LCD interrupt
source.
FU*[0]
FIFO underrun(Read/Clear)
It indicates that FIFO underrun has been occurred. In this case, LCLK
frequency must be lower. As MFU of LIM register is cleared, it can be
LCD interrupt source.
For clearing a specified bit, it must be written to 1. If a interrupt is generated, LSTATUS
bits, which correspond to the interrupt sources, must be cleared. Otherwise, the uncleared
interrupt will be not generated any more.
LCD Interrupt Masking Registers (LIM)
0x80000F48
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
MDD MRU MFU
FIELD
Description
MDD[2]
Mask “Disable Done Interrupt”.
MRU[1]
Mask “Register Update Interrupt”.
MFU[0]
Mask “FIFO underrun(Read/Clear)”.
LCD Image Position(LIP)
0x80000F4C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Y[10:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
X[10:0]
FIELD
Description
Y [10:0]
Y position to display
X [10:0]
X position to display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com