Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 190 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 190 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 186Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 187Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 188Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 189Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 190Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 191Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 192Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 193Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 194Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-22
LCD Image Size(LIS)
0x80000F50
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
HEIGHT[11:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WIDTH[11:0]
FIELD
Description
HEIGHT [11:0]
Image height
WIDTH [11:0]
Image width
If image size is larger than display size, the image is clipped automatically. Therefore, as
image base address is changed, the panning operation can be implemented.
LCD Image Base Address0(LIBA0)
0x80000F54
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
LIBA0[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LIBA0[15:2]
0
FIELD
Description
LIBA0 [31:2]
Image base address.
If a image is YUV format, it is Y base address.
LCD Image Base Address1(LIBA1)
0x80000F5C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
LIBA1 [31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LIBA1 [15:2]
0
FIELD
Description
LIBA1 [31:2]
If a image is YUV format, it is U base address.
Otherwise, it is not used.
LIS.WIDTH
Base address
LDS.HSIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com