Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 187 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 187 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 183Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 184Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 185Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 186Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 187Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 188Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 189Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 190Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 191Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-19
LCD Lookup Register for RED (LLUTRD)
0x80000F20
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
LLUTRD[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LLUTRD[15:0]
This register is used for supporting palletized color STN-LCD. It is divided into 8 nibbles.
The passive color mode uses a lookup table register, which allows any 8 red levels to be
selected out of the 16 possible red levels. The most significant 3-bit of 8-bit encoded pixel
addresses 8 red palette locations. Note that LLUTRD register is only used in STN-LCD
mode
LCD Lookup Register for GREEN (LLUTGR)
0x80000F24
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
LLUTGR[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LLUTGR[15:0]
This register is used for supporting palletized color STN-LCD. It is divided into 8 nibbles.
The passive color mode uses a lookup table register, which allows any 8 green levels to be
selected out of the 16 possible green levels. The next most significant 3-bit of 8-bit
encoded pixel addresses 8 green palette locations. Note that LLUTGR register is only
used in STN-LCD mode
LCD Lookup Register for BLUE (LLUTBL)
0x80000F28
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LLUTBL[15:0]
This register is used for supporting palletized color STN-LCD. It is divided into 4 nibbles.
The passive color mode uses a lookup table register, which allows any 4 blue levels to be
selected out of the 16 possible blue levels. The least significant 2-bit of 8-bit encoded
pixel addresses 4 green palette locations. Note that LLUTBL register is only used in STN-
LCD mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com