Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 186 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 186 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 182Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 183Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 184Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 185Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 186Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 187Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 188Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 189Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 190Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-18
LCD Vertical Timing Register1 (LVTIME1)
0x80000F10
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
FPW
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
FLC
FIELD
Description
FPW [21:16]
TFT/TV : Frame Pulse Width is the pulse width of frame clock
(VSYNC).
STN: N/A
FLC [10:0]
Frame Line Count is the number of lines in each frame on the screen.
LCD Vertical Timing Register2 (LVTIME2)
0x80000F14
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
FSWC[8:1]
VD
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
FEWC
FIELD
Description
FSWC [8:1]
VD
TFT/TV: Frame Start Wait Cycle is the number of lines to insert at the
end of each frame. VD is FSWC[0].
STN: FSWC[8:1] is N/A. If VD is set, VSYNC signal starts on
negative falling edge of HSYNC.
FEWC [7:0]
TFT/TV: Frame End Wait Cycle is the number of lines to insert at the
beginning of each frame.
STN: extra dummy lines between the end and beginning of frame
LCD Vertical Timing Register3 (LVTIME3)
0x80000F18
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
FPW
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
FLC
If NI of LCTRL is 0, LVTIME3 and LVTIME4 is for even-field. Otherwise, LVTIME3
and LVTIME4 must be the same with LVTIME1 and LVTIME2.
LCD Vertical Timing Register4 (LVTIME4)
0x80000F1C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
FSWC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
FEWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com