Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 194 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 194 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 190Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 191Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 192Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 193Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 194Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 195Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 196Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 197Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 198Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MEMORY CONTROLLER
Preliminary
15-2
Table 15.1 Memory Controller Register Map (Base Address = 0xF0000000)
Name
Address
Type
Reset
Description
SDCFG
0x00
R/W
0x62E97010
SDRAM Configuration Register
SDFSM
0x04
R
-
SDRAM FSM Status Register
MCFG
0x08
R/W
0xZZZZ_02
Miscellaneous Configuration Register
TST
0x0C
W
0x00000000
Test mode register
(must be remained zero)
CSCFG0
0x10
R/W
0x0B405649
Configuration Register for External Chip Select 0
(nCS0 pin)
CSCFG1
0x14
R/W
0x0150569A
Configuration Register for External Chip Select 1 (nCS1 pin)
CSCFG2
0x18
R/W
0x006056BA
Configuration Register for External Chip Select 2 (nCS2 pin)
CSCFG3
0x1C
R/W
0x0A70569A
Configuration Register for External Chip Select 3 (nCS3 pin)
CLKCFG
0x20
R/W
0xXXXXXX00
Memory Controller Clock Count Register
SDCMD
0x24
W
-
SDRAM Command Register
Table 15.2 NAND flash Register Map (Base Address = N * 0x10000000)
Name
Address
Type
Reset
Description
NDCMD
0x00
R/W
-
Command Cycle Register
NDLADR
0x04
W
-
LinearAddress Cycle Register
NDRADR
0x08
W
-
RowAddress Cycle Register
NDIADR
0x0C
W
-
SingleAddress Cycle Register
NDDATA
0x10
R/W
-
DataAccess Cycle Register
*) N represents BASE field of configuration register (CSCFGx ) for each chip select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com